Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 287 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 287 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 283Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 284Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 285Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 286Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 287Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 288Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 289Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 290Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 355 page
background image
38B5 Group User’s Manual
3-39
APPENDIX
3.5 Control registers
Fig. 3.5.13 Structure of serial I/O1 control register 2
Serial I/O1 control register 2
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O1 control register 2
(SIO1CON2 • SC12: address 1A16)
b
0
Name
0
Functions
At reset R W
1
0
2
0
3
0
4
0
P62/SRDY1 •
P64/SBUSY1 pin
control bits
0: Functions as signal for
each 1-byte
1: Functions as signal for
each transfer data set
SBUSY1 output •
SSTB1 output
function selection bit
(Valid in serial I/O1
automatic transfer
mode)
5
0
Serial transfer
status flag
6
0
0: Output active
1: Output high-impedance
SOUT1 pin control
bit (when serial data
is not transferred)
7
0
0: CMOS 3 state (P-
channel output is valid.)
1: N-channel open-drain
output (P-channel output
is invalid.)
P51/SOUT1 P-channel
output disable bit
0: Serial transfer
completed
1: Serial transfer in-
progress
0 0 0 0: P62, P64 pins are I/O ports.
0 0 0 1: Not used
0 0 1 0: P62 pin is SRDY1 output; P64 pin is
I/O port.
0 0 1 1: P62 pin is SRDY1 output; P64 pin is
I/O port.
0 1 0 0: P62 pin is I/O port; P64 pin is
SBUSY1 input.
0 1 0 1: P62 pin is I/O port; P64 pin is
SBUSY1 input.
0 1 1 0: P62 pin is I/O port; P64 pin is
SBUSY1 output.
0 1 1 1: P62 pin is I/O port; P64 pin is
SBUSY1 output.
1 0 0 0: P62 pin is SRDY1 input; P64 pin is
SBUSY1 output.
1 0 0 1: P62 pin is SRDY1 input; P64 pin is
SBUSY1 output.
1 0 1 0: P62 pin is SRDY1 input; P64 pin is
SBUSY1 output.
1 0 1 1: P62 pin is SRDY1 input; P64 pin is
SBUSY1 output.
1 1 0 0: P62 pin is SRDY1 output; P64 pin is
SBUSY1 input.
1 1 0 1: P62 pin is SRDY1 output; P64 pin is
SBUSY1 input.
1 1 1 0: P62 pin is SRDY1 output; P64 pin is
SBUSY1 input.
1 1 1 1: P62 pin is SRDY1 output; P64 pin is
SBUSY1 input.
b3b2b1b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com