Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 291 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 291 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 287Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 288Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 289Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 290Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 292Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 295Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 355 page
background image
38B5 Group User’s Manual
3-43
APPENDIX
3.5 Control registers
Fig. 3.5.17 Structure of serial I/O2 status register
Fig. 3.5.18 Structure of serial I/O2 transmit/receive buffer register
Serial I/O2 status register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O2 status register
(SIO2STS: address 1E16)
0: Buffer full
1: Buffer empty
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Buffer empty
1: Buffer full
0
0: Transmit shift in progress
1: Transmit shift completed
0
0: No error
1: Overrun error
0
0: No error
1: Parity error
0
0: No error
1: Framing error
0
0: (OE) U (PE) U (FE) = 0
1: (OE) U (PE) U (FE) = 1
0
1
Transmit buffer
empty flag (TBE)
Receive buffer full
flag (RBF)
Overrun error flag
(OE)
Parity error flag
(PE)
Framing error flag
Summing error flag
Transmit shift
register shift
completion flag
(TSC)
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “1”.
(FE)
(SE)
b
0
Functions
At reset R W
1
2
3
4
5
6
7
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Serial I/O2 transmit/receive buffer register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O2 transmit/receive buffer register
(TB/RB: address 1F16)
This is the buffer register which is used to write
transmit data or to read receive data.
• At write : The value is written to the transmit
buffer register. The value cannot be
written to the receive buffer register.
• At read : The contents of the receive buffer
register is read out. When a
character bit length is 7 bits, the
MSB of data stored in the receive
buffer is “0”. The contents of the
transmit buffer register cannot be
read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com