Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 293 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 293 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 289Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 290Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 292Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 295Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 296Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 297Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 355 page
background image
38B5 Group User’s Manual
3-45
APPENDIX
3.5 Control registers
Fig. 3.5.22 Structure of timer 6 PWM register
Fig. 3.5.23 Structure of timer 12 mode register
Timer 6 PWM register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 6 PWM register
(T6PWM: address 2716)
b
0
1
2
3
4
5
6
7
Undefined
Functions
At reset R W
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
• In timer 6 PWM1 mode
“L” level width of PWM rectangular waveform is set.
• Duty of PWM rectangular waveform: n/(n + m)
Period: (n + m)
× ts
n = timer 6 set value
m = timer 6 PWM register set value
ts = timer 6 count source period
At n = 0, all PWM output “L”.
At m = 0, all PWM output “H”.
(However, n = 0 has priority.)
• Selection of timer 6 PWM1 mode
Set “1” to the timer 6 operation mode selection bit.
Timer 12 mode register
b7 b6 b5 b4 b3 b2 b1 b0
Timer 12 mode register
(T12M: address 2816)
0: Count operation
1: Count stop
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: Count operation
1: Count stop
0
0 0: f(XIN)/8 or f(XCIN)/16
0 1: f(XCIN)
1 0: f(XIN)/16 or f(XCIN)/32
1 1: f(XIN)/64 or f(XCIN)/128
0
0
0
0: I/O port
1: Timer 1 output
0
0
Timer 1 count stop
bit
Timer 2 count stop
bit
Timer 2 count
source selection
bits
Timer 1 output
selection bit (P45)
Timer 1 count
source selection
bits
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
b3 b2
b5 b4
0 0: Timer 1 underflow
0 1: f(XCIN)
1 0: External count input
CNTR0
1 1: Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com