Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 297 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 297 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 295Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 296Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 297Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 298Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 299Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 300Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 301Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 355 page
background image
38B5 Group User’s Manual
3-49
APPENDIX
3.5 Control registers
Fig. 3.5.29 Structure of timer X mode register 2
Timer X mode register 2
b7 b6 b5 b4 b3 b2 b1 b0
Timer X mode register 2
(TXM2: address 2F16)
b
0
2
4
Name
0
Functions
At reset R W
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Real time port control
bit (P85)
Real time port control
bit (P86)
0: Real time port function is
invalid
1: Real time port function is
valid
0
0
0: Real time port function is
invalid
1: Real time port function is
valid
1
P85 data for real time
port
0: “L” output
1: “H” output
3
0
0
P86 data for real time
port
0: “L” output
1: “H” output
0
0
0
5
6
7
Interrupt interval determination register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt interval determination register
(IID: address 3016)
b
0
1
2
3
4
5
6
7
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Functions
At reset R W
• This register stores a value which is obtained
by counting a following interval with the
counter sampling clock.
Rising interval
Falling interval
Both edges interval (Note)
(Selected by interrupt edge selection register)
• Read exclusive register
Note: When the noise filter sampling clock selection bits (bits 2, 3) of
the interrupt interval determination control register is “00”, the
both-sided edge detection function cannot be used.
Fig. 3.5.30 Structure of interrupt interval determination register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com