Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 298 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 298 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 295Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 296Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 297Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 298Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 299Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 300Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 301Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 302Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 355 page
background image
3-50
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.32 Structure of A-D control register
Fig. 3.5.31 Structure of interrupt interval determination control register
Interrupt interval determination control register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt interval determination control register
(IIDCON: address 3116)
0: Stopped
1: Operating
b
0
1
2
3
4
5
6
7
Name
0
Functions
At reset R W
0: f(XIN)/128
1: f(XIN)/256
0
0 0: Filter is not used.
0 1: f(XIN)/32
1 0: f(XIN)/64
1 1: f(XIN)/128
0
0
0
0
0
0
Counter sampling
clock selection bit
One-sided/both-
sided edge
detection selection
bit
Noise filter
sampling clock
selection bits (INT2)
b3 b2
0: One-sided edge
detection
1: Both-sided edge
detection (Note)
Interrupt interval
determination circuit
operating selection
bit
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Note: When the noise filter sampling clock selection bits (bits 2, 3) is
“00”, the both-sided edge detection function cannot be used.
A-D control register
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register
(ADCON: address 3216)
b
0
1
2
Name
0
Functions
At reset R W
0
0
0
Analog input pin
selection bits
b3 b2 b1 b0
0 0 0 0: P70/AN0
0 0 0 1: P71/AN1
0 0 1 0: P72/AN2
0 0 1 1: P73/AN3
0 1 0 0: P74/AN4
0 1 0 1: P75/AN5
0 1 1 0: P76/AN6
0 1 1 1: P77/AN7
1 0 0 0: P62/SRDY1/AN8
1 0 0 1: P63/AN9
1 0 1 0: P64/INT4/SBUSY1/AN10
1 0 1 1: P65/SSTB1/AN11
3
1
AD conversion
completion bit
0: Conversion in progress
1: Conversion completed
4
0
5
0
0
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com