Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 300 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 300 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 296Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 297Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 298Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 299Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 300Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 301Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 302Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 303Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 304Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 355 page
background image
3-52
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.36 Structure of interrupt edge selection register
Fig. 3.5.35 Structure of interrupt source switch register
3
4
Interrupt source switch register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt source switch register
(IFR: address 3916)
b
0
1
2
5
6
7
Name
0
Functions
At reset R W
0: INT4 interrupt
1: A-D conversion intrerrupt
0
0
0
0
0
0
0
INT3/serial I/O2
transmit interrupt
switch bit (Note)
INT4/A-D
conversion interrupt
switch bit
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
0: INT3 intrrupt
1: Serial I/O2 transmit
interrupt
Note: In the mask option type P, this bit is not available because INT3
function cannot be used.
Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt edge selection register
(INTEDGE : address 3A16)
b
0
1
2
3
4
5
Name
0
Functions
At reset R W
0
0
0
0
0
INT0 interrupt edge
selection bit
INT1 interrupt edge
selection bit
INT3 interrupt edge
selection bit (Note)
INT4 interrupt edge
selection bit
INT2 interrupt edge
selection bit
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
0 : Falling edge active
1 : Rising edge active
6
7
0
0
CNTR0 pin edge
switch bit
CNTR1 pin edge
switch bit (Note)
0 : Rising edge count
1 : Falling edge count
0 : Rising edge count
1 : Falling edge count
Nothing is arranged for this bit. This is a write
disabled bit. When this bit is read out, the
contents are “0”.
Note: In the mask option type P, these bits are not available because
CNTR1 function and INT3 function cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com