Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 295 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 295 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 292Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 295Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 296Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 297Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 298Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 299Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 355 page
background image
38B5 Group User’s Manual
3-47
APPENDIX
3.5 Control registers
Fig. 3.5.26 Structure of watchdog timer control register
Fig. 3.5.27 Structure of timer X (low-order, high-order)
Watchdog timer control register
b7 b6 b5 b4 b3 b2 b1 b0
Watchdog timer control register
(WDTCON: address 2B16)
b
0
1
2
3
4
5
6
1
Functions
Name
At reset R W
1
1
1
1
1
0
Watchdog timer H
(high-order 6 bits of reading exclusive)
STP instruction
disable bit
0: STP instruction enabled
1: STP instruction disabled
7
0
Watchdog timer H
count source
selection bit
0: Watchdog timer L
underflow
1: f(XIN)/16 or f(XCIN)/16
Timer X (low-order, high-order)
b7 b6 b5 b4 b3 b2 b1 b0
Timer X (low-order, high-order)
(TXL, TXH: addresses 2C16, 2D16)
b
0
1
2
3
4
5
6
7
1
Functions
At reset R W
1
1
1
1
1
1
1
• Set timer X count value.
• When the timer X write control bit of the timer
X mode register 1 is “0”, the value is written to
timer X and the latch at one time.
When the timer X write control bit of the timer
X mode register 1 is “1”, the value is written
only to the latch.
• The timer X count value is read out by reading
this register.
Notes 1: When reading and writing, perform them to both the high-
order and low-order bytes.
2: Read both registers in order of TXH and TXL following.
3: Write both registers in order of TXL and TXH following.
4: Do not read both registers during a write, and do not write to
both registers during a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com