Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 292 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 292 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 288Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 289Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 290Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 292Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 295Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 296Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 355 page
background image
3-44
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.19 Structure of timer i
Fig. 3.5.20 Structure of timer 2
Fig. 3.5.21 Structure of PWM control register
Timer i
b7 b6 b5 b4 b3 b2 b1 b0
Timer i (i = 1, 3, 4, 5, 6)
(Ti: addresses 2016, 2216, 2316, 2416, 2516)
b
0
1
At reset R W
1
2
3
4
5
6
7
Functions
• Set timer i count value.
• The value set in this register is written to both
the timer i and the timer i latch at one time.
• When the timer i is read out, the count value
of the timer i is read out.
1
1
1
1
1
1
1
Timer 2
b7 b6 b5 b4 b3 b2 b1 b0
Timer 2
(T2: address 2116)
b
0
1
At reset R W
1
2
3
4
5
6
7
Functions
• Set timer 2 count value.
• The value set in this register is written to both
the timer 2 and the timer 2 latch at one time.
• When the timer 2 is read out, the count value
of the timer 2 is read out.
0
0
0
0
0
0
0
PWM control register
b7 b6 b5 b4 b3 b2 b1 b0
PWM control register
(PWMCON: address 2616)
b
0
0
0
0
0
0
0
0
0
At reset R W
1
2
3
4
5
6
7
Functions
P87/PWM output
selection bit
0: I/O port
1: PWM output
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read out,
the contents are “0”.
Name
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com