Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 290 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 290 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 286Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 287Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 288Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 289Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 290Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 291Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 292Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 293Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 294Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 355 page
background image
3-42
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.16 Structure of serial I/O2 control register
Serial I/O2 control register
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O2 control register
(SIO2CON: address 1D16)
b
0
Name
0
Functions
At reset R W
1
0
2
0
3
0
4
0
0: Transmit disabled
1: Transmit enabled
5
0
Receive enable bit
(RE)
7
0
6
0
0: Clock asynchronous
serial I/O (UART) mode
1: Clock synchronous
serial I/O mode
0: Serial I/O2 disabled
(pins P54–P57 operate
as normal I/O pins)
1: Serial I/O2 enabled
(pins P54–P57 operate
as serial I/O pins)
0: When transmit buffer
has emptied
1: When transmit shift
operation is completed
BRG count source
selection bit (CSS)
Serial I/O2
synchronous clock
selection bit
(SCS)
Serial I/O2 mode
selection bit (SIOM)
Serial I/O2 enable
bit (SIOE)
Transmit interrupt
source selection bit
(TIC)
0: f(XIN) or f(XCIN)/2 or
f(XCIN)
1: f(XIN)/4 or f(XCIN)/8 or
f(XCIN)/4
•In clock synchronous
mode
0: BRG output/4
1: External clock input
•In UART mode
0: BRG output/16
1: External clock input/16
Transmit enable bit
(TE)
0: Receive disabled
1: Receive enabled
SRDY2 output
enable bit (SRDY)
0: P57 pin operates as
normal I/O pin
1: P57 pin operates as
SRDY2 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com