Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 309 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 309 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 305Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 306Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 307Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 308Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 309Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 310Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 311Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 312Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 313Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 355 page
background image
38B5 Group User’s Manual
3-61
APPENDIX
3.5 Control registers
Fig. 3.5.46 Structure of FLDC mode register
FLDC mode register
b7 b6 b5 b4 b3 b2 b1 b0
FLDC mode register
(FLDM: address 0EF416)
b
0
Name
0
Functions
At reset R W
1
0
Display start bit
0 : Display stopped
1 : Display in progress (display
starts by writing “1”)
2
0
Tscan control bits
b3 b2
0 0 : 0 FLD digit interrupt
(at rising edge of each
digit)
0 1 : 1 ! Tdisp
1 0 : 2 ! Tdisp
1 1 : 3 ! Tdisp
FLD blanking interrupt (at
falling edge of last digit)
3
6
7
0
0
0
4
Notes 1: When the gradation display mode is selected, the number of
timing is max. 16 timing. (Set “0” to the timing number control
bit (b4).)
2: When switching the timing number control bit (b4) or the
gradation display mode selection control bit (b5), set “0” to
the display start bit (b1) (display stop state) before that.
Automatic display
control bit (P0, P1,
P2, P3, P8)
0 : General-purpose mode
1 : Automatic display
mode
0 : 16 timing mode
1 : 32 timing mode (Note 2)
0 : Not selected
1 : Selected (Notes 1, 2)
0 : f(XIN)/16 or f(XCIN)/32
1 : f(XIN)/64 or f(XCIN)/128
0
0
Timing number
control bit
5 Gradation display
mode selection
control bit
Tdisp counter count
source selection bit
High-breakdown
voltage port driv-
ability selection bit
0 : Drivability strong
1 : Drivability weak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com