Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 312 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 312 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 308Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 309Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 310Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 311Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 312Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 313Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 314Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 315Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 316Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 355 page
background image
3-64
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.50 Structure of FLD data pointer/FLD data pointer reload register
Fig. 3.5.51 Structure of port P0FLD/Port switch register
FLD data pointer/FLD data pointer reload register
b7 b6 b5 b4 b3 b2 b1 b0
FLD data pointer/FLD data pointer reload register
(FLDDP: address 0EF816)
b
0
Undefined
Functions
At reset R W
1
Undefined
2
Undefined
3
Undefined
4
Undefined
5
Undefined
7
Undefined
Undefined
6
The start address of each data of FLD ports P0,
P1, P2, P3, and P8, which is transferred from
FLD automatic display RAM, is set to this
register.
The start address becomes the address adding
the value set to this register into the last data
address of each FLD port.
Set a value of (timing number – 1) to this
register.
The value which is set to this address is written
to the FLD data pointer reload register.
When reading data from this address, the value
in the FLD data pointer is read.
When bits 5 to 7 of this register is read, “0” is
always read.
Port P0FLD/port switch register
b7 b6 b5 b4 b3 b2 b1 b0
Port P0FLD/port switch register
(P0FPR: address 0EF916)
b
0
1
2
3
4
5
Name
0
Functions
At reset R W
0
0
0
0
0
0
0
Port P00FLD/port
switch bit
Port P01FLD/port
switch bit
Port P03FLD/port
switch bit
Port P04FLD/port
switch bit
Port P05FLD/port
switch bit
Port P02FLD/port
switch bit
0 : General-purpose port
1 : FLD port
0 : General-purpose port
1 : FLD port
0 : General-purpose port
1 : FLD port
0 : General-purpose port
1 : FLD port
0 : General-purpose port
1 : FLD port
0 : General-purpose port
1 : FLD port
6 Port P06FLD/port
switch bit
0 : General-purpose port
1 : FLD port
7 Port P07FLD/port
switch bit
0 : General-purpose port
1 : FLD port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com