Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 314 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 314 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 310Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 311Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 312Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 313Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 314Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 315Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 316Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 317Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 318Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 355 page
background image
3-66
APPENDIX
38B5 Group User’s Manual
3.5 Control registers
Fig. 3.5.54 Structure of port P8FLD output control register
Fig. 3.5.55 Structure of buzzer output control register
R W
Port P8FLD output control register
b7 b6 b5 b4 b3 b2 b1 b0
Port P8FLD output control register
(P8FLDCON : address 0EFC16)
b
0
1
Name
0
Functions
At reset
0
P84–P87 FLD
output reverse bit
P84–P87/FLDRAM
write disable bit
0 : Output normally
1 : Reverse output
0 : Operating normally
1 : Write disabled
2
0
P84–P87 Toff
invalid bit
0 : Operating normally
1 : Toff invalid
3
0
P84–P87 delay
control bit (Note)
0 : No delay
1 : Delay
4
5
6
0
0
0
0
P63/AN9 dimmer
output control bit
0 : Ordinary port
1 : Dimmer output
7
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
Toff2 control bit
0 : Operating normally
(falling operation)
1 : Rising operation
Note: Valid only when selecting FLD port and P84–P87 Toff invalid function
Buzzer output control register
b7 b6 b5 b4 b3 b2 b1 b0
Buzzer output control register
(BUZCON: address 0EFD16)
b
0
Name
0
Functions
At reset R W
1
0
2
3
4
0
0
0: Buzzer output OFF (“0”
output)
1: Buzzer output ON
5
7
6
b1b0
0 0: 1 kHz (f(XIN)/4096)
0 1: 2 kHz (f(XIN)/2048)
1 0: 4 kHz (f(XIN)/1024)
1 1: Not available
Output frequency
selection bits
0
0
b3b2
0 0: P20 and P43 function
as ordinary ports.
0 1: P43/BUZ01 functions as
a buzzer output.
1 0: P20/BUZ02/FLD0
functions as a buzzer
output.
1 1: Not available
Output port
selection bits
Buzzer output
ON/OFF bit
Nothing is arranged for these bits. These are
write disabled bits. When these bits are read
out, the contents are “0”.
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com