Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38B53M4-059FP Datasheet(PDF) 317 Page - Mitsubishi Electric Semiconductor

Part # M38B53M4-059FP
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B53M4-059FP Datasheet(HTML) 317 Page - Mitsubishi Electric Semiconductor

Back Button M38B53M4-059FP Datasheet HTML 313Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 314Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 315Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 316Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 317Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 318Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 319Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 320Page - Mitsubishi Electric Semiconductor M38B53M4-059FP Datasheet HTML 321Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 355 page
background image
38B5 Group User’s Manual
3-69
APPENDIX
3.6 Mask ROM confirmation form
GZZ-SH54-20B<88A1>
740 FAMILY MASK ROM CONFIRMATION FORM
SINGLE-CHIP MICROCOMPUTER M38B57MCH-
XXXFP
MITSUBISHI ELECTRIC
Mask ROM number
Date:
Section head
signature
Supervisor
signature
Company
name
Note : Please fill in all items marked g.
Customer
g
Date
issued
Submitted by
TEL
()
Date:
Supervisor
g 1. Confirmation
Specify the name of the product being ordered and the type of EPROMs submitted.
Three EPROMs are required for each pattern.
If at least two of the three sets of EPROMs submitted contain identical data, we will produce masks based on this data.
We shall assume the responsibility for errors only if the mask ROM data on the products we produce differs from this
data. Thus, extreme care must be taken to verify the data in the submitted EPROMs.
Checksum code for entire EPROM
(hexadecimal notation)
In the address space of the microcomputer, the internal
ROM area is from address 408016 to FFFD16. The reset
vector is stored in addresses FFFC16 and FFFD16.
(1) Set the data in the unused area (the shaded area of the
diagram) to “FF16”.
(2) The ASCII codes of the product name “M38B57MCH–”
must be entered in addresses 000016 to 000916. And set
the data “FF16” in addresses 000A16 to 000F16.
The ASCII codes and addresses are listed to the right in
hexadecimal notation.
The option data must be entered in address 001016.
Address
000016
000116
000216
000316
000416
000516
000616
000716
‘M’ = 4D16
‘3’ = 3316
‘8’ = 3816
‘B’ = 4216
‘5’ = 3516
‘7’ = 3716
‘M’ = 4D16
‘C’ = 4316
Address
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
‘H’ = 4816
‘–’ = 2D16
FF16
FF16
FF16
FF16
FF16
FF16
(1/3)
EPROM type
27512
EPROM address
000016
000F16
001016
001116
407F16
408016
FFFD16
FFFE16
FFFF16
Product name
ASCII code :
‘M38B57MCH-’
Data
ROM (48K-130) bytes
Mask option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com