Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 5 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 5 Page - ON Semiconductor

  AP0101CS Datasheet HTML 1Page - ON Semiconductor AP0101CS Datasheet HTML 2Page - ON Semiconductor AP0101CS Datasheet HTML 3Page - ON Semiconductor AP0101CS Datasheet HTML 4Page - ON Semiconductor AP0101CS Datasheet HTML 5Page - ON Semiconductor AP0101CS Datasheet HTML 6Page - ON Semiconductor AP0101CS Datasheet HTML 7Page - ON Semiconductor AP0101CS Datasheet HTML 8Page - ON Semiconductor AP0101CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
5
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
System Interfaces
Figure 2:
Typical Configuration
Notes:
1. This typical configuration shows only one scenario out of multiple possible variations for this sen-
sor.
2. ON Semiconductor recommends a 1.5kresistor value for the two-wire serial interface RPULL-UP;
however, greater values may be used for slower transmission speed.
3. RESET_BAR has an internal pull-up resistor and can be left floating if not used.
4. The decoupling capacitors for the regulator input and output should have a value of 1.0uF. The
capacitors should be ceramic and need to have X5R or X7R dielectric.
5. TRST_BAR connects to GND for normal operation.
6. ON Semiconductor recommends that 0.1F and 1F decoupling capacitors for each power supply
are mounted as close as possible to the pin. Actual values and numbers may vary depending on lay-
out and design consideration
VDDIO_OTPM
LDO_OP4
VDD_REG4
VDDIO_S6
VDDIO _S
VDDIO _H
S ensor IO
pow er
Host IO
pow er
M_SCLK
M_SDATA
EXTCLK_OUT
RESET_BAR_OUT
FV_IN
LV_IN
PIXCLK _IN
DIN [11:0]
TRIGGER_OUT
VDD _REG FB _SENSE LDO_O P VDD _PLL
1.8V
(R egulator
IP )
VDD
1.2V (Regulator OP)
P ower up C ore and
PLL
GND_REG
FV_OUT
LV_OUT
PIXCLK_OUT
DOUT [15:0]
SCLK
SDATA
SADDR
EXTCLK
XTAL
SPI_CS_BAR
SPI_CLK
SPI_SDO
SPI_SDI
GPIO_1
TRST_BAR5
OT P M
Power
VDDIO_H6
GND
RPULL-UP
2
RPULL-UP
2
RESET_BAR3
GPIO_2
GPIO_3
GPIO_4
GPIO_5
FRAME_SYNC
STANDBY
Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com