Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 23 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 23 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 19Page - ON Semiconductor AP0101CS Datasheet HTML 20Page - ON Semiconductor AP0101CS Datasheet HTML 21Page - ON Semiconductor AP0101CS Datasheet HTML 22Page - ON Semiconductor AP0101CS Datasheet HTML 23Page - ON Semiconductor AP0101CS Datasheet HTML 24Page - ON Semiconductor AP0101CS Datasheet HTML 25Page - ON Semiconductor AP0101CS Datasheet HTML 26Page - ON Semiconductor AP0101CS Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
23
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Flicker Avoidance
Host Controlled
The Host Controlled mode is intended to give the host full control over exposure and
gains.
Flicker Avoidance
Flicker occurs when the integration time is not an integer multiple of the period of the
light intensity. The AP0101CS can be programmed to avoid flicker for 50 or 60 Hertz. For
integration times less than the light intensity period (10ms for 50Hz environment),
flicker cannot be avoided. The AP0101CS supports an indoor AE mode, that will ensure
flicker-free operation.
Output Formatting
The AP0101CS can output pixel data as an 8 or 10 bit word, over one or two clocks per
pixel. AP0101AT supports parallel output & SMPTE modes.
Uncompressed YCbCr Data Ordering
The AP0101CS supports swapping YCbCr mode, as illustrated in Table 11.
The data ordering for the YCbCr output modes for AP0101CS are shown in Table 12 and
Table 13:
Note:
Odd means first cycle; even means second cycle.
Table 11:
YCbCr Output Data Ordering
Mode
Data Sequence
Default (no swap)
Cbi
Yi
Cri
Yi+1
Swapped CrCb
Cri
Yi
Cbi
Yi+1
Swapped YC
Yi
Cbi
Yi+1
Cri
Swapped CrCb, YC
Yi
Cri
Yi+1
Cbi
Table 12:
YCbCr Output Modes (cam_port_parallel_msb_align=0x1, cam_port_parallel_swap_bytes = 0,
cam_output_format_yuv_swap_red_blue = 0)
Mode
Byte
Pixel i
Pixel i+1
Notes
YCbCr_422_8_8
Odd (DOUT [15:8])
Cbi
Cri
Data range of 0-255 (Y=16-235 and C=16-240)
Even (DOUT [15:8])
Yi
Yi+1
YCbCr_422_10_10
Odd (DOUT [15:6])
Cbi
Cri
Data range of 0-1023 (Y=64-940 and C=64-
960)
Even (DOUT [15:6])
Yi
Yi+1
YCbCr_422_16
Single (DOUT [15:0])
Cbi_Yi
Cri_Yi+1
Data range of 0-255 (Y=16-235 and C=16-240)
Table 13:
YCbCr Output Modes (cam_port_parallel_msb_align=0x0, cam_port_parallel_swap_bytes = 0,
cam_output_format_yuv_swap_red_blue = 0)
Mode
Byte
Pixel i
Pixel i+1
Notes
YCbCr_422_8_8
Odd (DOUT[7 :0])
Cbi
Cri
Data range of 0-255 (Y=16-235 and C=16-240)
Even (DOUT [7:0]
Yi
Yi+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com