Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 21 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 17Page - ON Semiconductor AP0101CS Datasheet HTML 18Page - ON Semiconductor AP0101CS Datasheet HTML 19Page - ON Semiconductor AP0101CS Datasheet HTML 20Page - ON Semiconductor AP0101CS Datasheet HTML 21Page - ON Semiconductor AP0101CS Datasheet HTML 22Page - ON Semiconductor AP0101CS Datasheet HTML 23Page - ON Semiconductor AP0101CS Datasheet HTML 24Page - ON Semiconductor AP0101CS Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
21
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Camera Control and Auto Functions
Camera Control and Auto Functions
Auto Exposure
The auto exposure algorithm optimizes scene exposure to minimize clipping and satu-
ration in critical areas of the image. This is achieved by controlling exposure time and
analog gains of the sensor core as well as digital gains applied to the image.
The auto exposure module analyzes image statistics collected by the exposure measure-
ment engine, makes a decision, and programs the sensor and color pipeline to achieve
the desired exposure. The measurement engine subdivides the image into 25 windows
organized as a 5 x 5 grid.
Figure 11:
5 x 5 Grid
AE Track Driver
Other algorithm features include the rejection of fast fluctuations in illumination (time
averaging), control of speed of response, and control of the sensitivity to small changes.
While the default settings are adequate in most situations, the user can program target
brightness, measurement window, and other parameters described above.
The driver changes AE parameters (integration time, gains, and so on) to drive scene
brightness to the programmable target.
To avoid unwanted reaction of AE on small fluctuations of scene brightness or momen-
tary scene changes, the AE track driver uses a temporal filter for luma and a threshold
around the AE luma target. The driver changes AE parameters only if the difference
between the AE luma target and the filtered luma is larger than the AE target step and
pushes the luma beyond the threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com