Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 11 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 7Page - ON Semiconductor AP0101CS Datasheet HTML 8Page - ON Semiconductor AP0101CS Datasheet HTML 9Page - ON Semiconductor AP0101CS Datasheet HTML 10Page - ON Semiconductor AP0101CS Datasheet HTML 11Page - ON Semiconductor AP0101CS Datasheet HTML 12Page - ON Semiconductor AP0101CS Datasheet HTML 13Page - ON Semiconductor AP0101CS Datasheet HTML 14Page - ON Semiconductor AP0101CS Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
11
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
System Interfaces
SPI_SCLK
High-
impedance
driven, logic 0 driven, logic 0 driven, logic 0
Output
SPI_SDI
Internal pull-
up enabled
Internal pull-
up enabled
Internal pull-
up enabled
internal pull-
up enabled
Input. Internal pull-
up permanently
enabled.
SPI_SDO
High-
impedance
driven, logic 0 driven, logic 0 driven, logic 0
Output
SPI_CS_BAR
High-
impedance
driven, logic 1 driven, logic 1 driven, logic 1
Output
EXT_CLK_OUT
driven, logic
0
driven, logic 0 driven, logic 0 driven, logic 0
Output
RESET_BAR_O
UT
driven, logic
0
driven, logic 0 driven, logic 1 driven, logic 1
Output. Firmware
will release sensor
reset
M_SCLK
High-
impedance
High-
impedance
High-
impedance
High-
impedance
Input/Output. A
valid logic level
should be
established by pull-
up
M_SDATA
High-
impedance
High-
impedance
High-
impedance
High-
impedance
Input/Output. A
valid logic level
should be
established by pull-
up
FV_IN ,LV_IN,
PIXCLK_IN,
DIN[11:0]
n/a
n/a
n/a
n/a
n/a
Input. Must always
be driven to a valid
logic level
FV_OUT,
LV_OUT,
PIXCLK_OUT,
DOUT[15:0]
High-
impedance
Varied
Driven if used Driven if used Driven if used Driven if used
Output. Default
state dependent on
configuration
GPIO[5:2]
High-
impedance
Input, then
high-
impedance
Driven if used Driven if used Driven if used Driven if used
Input/Output. After
reset these pins are
sampled as inputs as
part of auto-
configuration.
GPIO1
High-
impedance
High-
impedance
High-
impedance
High-
impedance
High-
impedance
High-
impedance
TRIGGER_OUT
High-
impedance
High-
impedance
Driven if used Driven if used Driven if used Driven if used
TRST_BAR
n/a
n/a
(negated)
(negated)
(negated)
(negated)
Input. Must always
be driven to a valid
logic level.
Table 7:
Output States
Name
Hardware States
Firmware States
Notes
Reset State
Default State Hard Standby
Soft Standby
Streaming
Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com