Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 35 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 35 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor AP0101CS Datasheet HTML 37Page - ON Semiconductor AP0101CS Datasheet HTML 38Page - ON Semiconductor AP0101CS Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
35
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Electrical Specifications
Electrical Specifications
Caution
Stresses greater than those listed in Table 18 may cause permanent damage to the device.
This is a stress rating only, and functional operation of the device at these or any other con-
ditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliabil-
ity.
Table 18:
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
Min
Max
VDD_REG
Digital power (1.8V)
-0.3
4.95
V
VDDIO_H
Host I/O power (2.5V,3.3V)
2.25
5.4
V
VDDIO_S
Sensor I/O power (1.8V, 2.8V)
1.7
5.4
V
VDD
Digital core power
1.1
2.5
V
VDD_PLL
PLL power
1.1
2.5
V
VDDIO_OTPM
OTPM power
2.25
5.4
V
VIN
DC Input Voltage
-0.3
VDDIO_*+0.3
V
VOUT
DC Output Voltage
-0.3
VDDIO_*+0.3
V
TSTG
Storage temperature
-50
150
°C
Table 19:
Electrical Characteristics and Operating Conditions
Parameter
Condition
Min
Typ
Max
Unit
Supply input to on-chip regulator (VDD_REG)
1.62
1.8
1.98
V
Host IO voltage (VDDIO_H)
2.25
2.5/3.3
3.6
V
Sensor IO voltage (VDDIO_S)
1.7
1.8/2.8
3.1
V
Core voltage (VDD)
1.08
1.2
1.32
V
PLL voltage (VDD_PLL)
1.08
1.2
1.32
V
OTPM power supply (VDDIO_OTPM)
2.25
2.5/3.3
3.6
V
Functional operating temperature (ambient - TA)
-30
70
°C
Storage temperature
-55
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com