Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 34 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 34 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 30Page - ON Semiconductor AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor AP0101CS Datasheet HTML 37Page - ON Semiconductor AP0101CS Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
34
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Host Command Interface
The AP0101CScan be configured by a serial EEPROM or Flash through the SPI Interface.
Figure 23:
Flash Mode
Figure 24:
Host Mode with Flash
In this configuration all settings are communicated to the AP0101CS and sensor through
the microcontroller.
Figure 25:
Host Mode
Supported NVM Devices
The AP0101AT supports a variety of SPI NVM devices. Refer to the Flash/EEPROM
programming section of the Developer Guide for details.
Host Command Interface
The AP0101CS has a mechanism to execute higher level commands, the Host Command
Interface (HCI). Once a command has been written through the HCI, it will be executed
by on-chip firmware and the results are reported back. EEPROM or Flash memory is also
available to store commands for later execution. For details on the host command inter-
face and host commands, refer to the Host Command Interface document.
Serial
EEPROM/Flash
SPI
AP0101CS
+ image sensor
AP0101CS
+ image sensor
SPI
8/16bit
μC
two-wire
System Bus
Serial
EEPROM/Flash
8/16bit
μC
two-wire
System Bus
AP0101CS
+ image sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com