Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 4 Page - ON Semiconductor

  AP0101CS Datasheet HTML 1Page - ON Semiconductor AP0101CS Datasheet HTML 2Page - ON Semiconductor AP0101CS Datasheet HTML 3Page - ON Semiconductor AP0101CS Datasheet HTML 4Page - ON Semiconductor AP0101CS Datasheet HTML 5Page - ON Semiconductor AP0101CS Datasheet HTML 6Page - ON Semiconductor AP0101CS Datasheet HTML 7Page - ON Semiconductor AP0101CS Datasheet HTML 8Page - ON Semiconductor AP0101CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
4
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
General Description
General Description
The ON Semiconductor AP0101CS is a high-performance, ultra-low power in-line,
digital image processor optimized for use with High Dynamic Range (HDR) sensors. The
AP0101CS provides full auto-functions support (AWB and AE) and Adaptive Local Tone
Mapping (ALTM) to enhance HDR images and advanced noise reduction which enables
excellent low-light performance.
Functional Overview
Figure 1 shows the typical configuration of the AP0101CS in a camera system. On the
host side, a two-wire serial interface is used to control the operation of the AP0101CS,
and image data is transferred using the parallel bus between the AP0101CS and the host.
The AP0101CS interface to the sensor also uses a parallel interface.
Figure 1:
AP0101CS Connectivity
System Interfaces
Figure 2 on page 5 shows typical AP0101CS device connections.
All power supply rails must be decoupled from ground using capacitors as close as
possible to the package.
The AP0101CS signals to the sensor and host interfaces can be at different supply voltage
levels to optimize power consumption and maximize flexibility. Table 4 on page 7
provides the signal descriptions for the AP0101CS.
1.2Mp HDR Sensor
12-bit parallel
Host
Up to 20-bit parallel
Two-wire serial I/F (Master)
Two-wire serial IF (Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com