Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 32 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 28Page - ON Semiconductor AP0101CS Datasheet HTML 29Page - ON Semiconductor AP0101CS Datasheet HTML 30Page - ON Semiconductor AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
32
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Protocol
Single Write to Random Location
Figure 20 shows the typical WRITE cycle from the host to the AP0101CS.The first 2 bytes
indicate a 16-bit address of the internal registers with most-significant byte first. The
following 2 bytes indicate the 16-bit data.
Figure 20:
Single WRITE to Random Location
Sequential WRITE, Start at Random Location
This sequence (Figure 21) starts in the same way as the single WRITE to random location
(Figure 20). Instead of generating a no-acknowledge bit after the first byte of data has
been transferred, the master generates an acknowledge bit and continues to perform
byte writes until “L” bytes have been written. The WRITE is terminated by the master
generating a stop condition.
Figure 21:
Sequential WRITE, Start at Random Location
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
A
P
Previous Reg Address, N
Reg Address, M
M+1
A
A
Write Data
Slave Address
0
S
A Reg Address[15:8]
Write Data
A
Reg Address[7:0]
A
Write Data
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
A
A
Write Data
Write Data
M+L-2
M+L-1
M+L
A
A
P
Write Data
(15:8)
Write Data
(7:0)
Write Data
(15:8)
A
Write Data
(7:0)
A
A
A
A
Write Data
A
Write Data
(15:8)
A
Write Data
(7:0)
A
Write Data
Write Data
(15:8)
A
Write Data
(7:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com