Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 7 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 3Page - ON Semiconductor AP0101CS Datasheet HTML 4Page - ON Semiconductor AP0101CS Datasheet HTML 5Page - ON Semiconductor AP0101CS Datasheet HTML 6Page - ON Semiconductor AP0101CS Datasheet HTML 7Page - ON Semiconductor AP0101CS Datasheet HTML 8Page - ON Semiconductor AP0101CS Datasheet HTML 9Page - ON Semiconductor AP0101CS Datasheet HTML 10Page - ON Semiconductor AP0101CS Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
7
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
System Interfaces
Crystal Usage
As an alternative to using an external oscillator, a crystal may be connected between
EXTCLK and XTAL. Two small loading capacitors and a feedback resistor should be
added, as shown in Figure 3.
Figure 3:
Using a Crystal Instead of an External Oscillator
Rf represents the feedback resistor, an Rf value of 1M would be sufficient for AP0101CS.
C1 and C2 are decided according to the crystal or resonator CL specification. In the
steady state of oscillation, CL is defined as (C1 x C2)/(C1+C2). In fact, the I/O ports, the
bond pad, package pin and PCB traces all contribute the parasitic capacitance to C1 and
C2. Therefore, CL can be rewritten to be (C1* x C2*)/(C1*+C2*), where C1*=(C1+Cin,
stray) and C2*=(C2+Cout, stray). The stray capacitance for the IO ports, bond pad and
package pin are known which means the formulas can be rewritten as
C1*=(C1+1.5pF+Cin, PCB) and C2*=(C2+1.3pF+Cout, PCB).
Table 4:
Pin Descriptions
Name
Type
Description
EXTCLK
Input
Master input clock. This can either be a square-wave generated from an oscillator (in
which case the XTAL input must be left unconnected) or direct connection to a crystal.
XTAL
Output
If EXTCLK is connected to one pin of a crystal, the other pin of the crystal is connected to
XTAL pin; otherwise this signal must be left unconnected.
RESET_BAR
Input/PU
Master reset signal, active LOW. This signal has an internal pull up.
SCLK
Input
Two-wire serial interface clock (host interface).
SDATA
I/O
Two-wire serial interface data (host interface).
SADDR
Input
Selects device address for the two-wire slave serial interface. When connected to GND
the device ID is 0x90. When wired to VDDIO_H, a device ID of 0xBA is selected.
FRAME_SYNC
Input
This input can be used to set the output timing of the AP0101CS. This signal should be
connected to GND if not used.
STANDBY
Input
Standby mode control, active HIGH.
SPI_SCLK
Output
Clock output for interfacing to an external SPI flash or EEPROM memory.
EXTCLK
XTAL
AP0101
C1
C2
Rf=1M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com