Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 37 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 37 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor AP0101CS Datasheet HTML 37Page - ON Semiconductor AP0101CS Datasheet HTML 38Page - ON Semiconductor AP0101CS Datasheet HTML 39Page - ON Semiconductor AP0101CS Datasheet HTML 40Page - ON Semiconductor AP0101CS Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
37
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Electrical Specifications
Notes:
1. VIL and VIH have min/max limitations specified by absolute ratings.
2. Excludes pins that have internal PU resistors.
Table 21:
DC Electrical Characteristics
Symbol
Parameter
Condition
Min
Max
Unit
Notes
VIH
Input HIGH voltage
VDDIO_H or VDDIO_S *
0.8
–
V
1
VIL
Input LOW voltage
–
VDDIO_H or VDDIO_S *
0.2
V
1
IIN
Input leakage current
VIN= 0V or VIN = VDDIO_H
or VDDIO_S
10
A
2
VOH
Output HIGH voltage
VDDIO_H or VDDIO_S*
0.80
–
V
VOL
Output LOW voltage
–
VDDIO_H or VDDIO_S *
0.2
V
Table 22:
Operating Current Consumption
Default Setup Conditions: fEXTCLK = 27 MHz, fPIXCLK = as below, VDD_REG=1.8V; VDDIO_H not included in measurement
VDDIO_S= 2.8V, VDDIO_OTPM=3.3V, TA =50°C unless otherwise stated
Symbol
Conditions
Min
Typ
Max
Unit
VDD_REG
1.62
1.8
1.98
V
VDDIO_H
VDDIO_H=2.5V
2.25
2.5
2.75
V
VDDIO_H=3.3V
3
3.3
3.6
V
VDDIO_S
VDDIO_S=1.8V
1.7
1.8
1.9
V
VDDIO_S=2.8V
2.5
2.8
3.1
V
VDDIO_OTPM
VDDIO_OTPM=2.5V
2.25
2.5
2.75
V
VDDIO_OTPM=3.3V
3
3.3
3.6
V
IDD_REG
960p HDR 30 fps 37.125MHz YCbCr_422_16
42
mA
800p HDR 30 fps 84 MHz YCbCr_422_10_10 or YCbCr_422_8_8
36
mA
720p HDR 60 fps 74.25MHz YCbCr_422_16
64
mA
720p HDR 30 fps 37.125MHz YCbCr_422_16
33
mA
720p HDR 30 fps 74.25 MHz YCbCr_422_10_10 or YCbCr_422_8_8
33
mA
IDDIO_S
960p HDR 30 fps 37.125 MHz YCbCr_422_16
4.4
mA
800p HDR 30 fps 84 MHz YCbCr_422_10_10 or YCbCr_422_8_8
4.3
mA
720p HDR 60 fps74.25 MHz YCbCr_422_16
4.5
mA
720p HDR 30 fps 37.125 MHz YCbCr_422_16
4.3
mA
720p HDR 30 fps 74.25 MHz YCbCr_422_10_10 or YCbCr_422_8_8
4.3
mA
IDDIO_OTPM
960p HDR 30 fps 37.125 MHz YCbCr_422_16
0.25
mA
800p HDR 30 fps 84 MHz YCbCr_422_10_10 or YCbCr_422_8_8
0.25
mA
720p HDR 60 fps 74.25 MHz YCbCr_422_16
0.25
mA
720p HDR 30 fps 37.125 MHz YCbCr_422_16
0.25
mA
720p HDR 30 fps 74.25 MHz YCbCr_422_10_10 or YCbCr_422_8_8
0.25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com