Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 8 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 8 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 4Page - ON Semiconductor AP0101CS Datasheet HTML 5Page - ON Semiconductor AP0101CS Datasheet HTML 6Page - ON Semiconductor AP0101CS Datasheet HTML 7Page - ON Semiconductor AP0101CS Datasheet HTML 8Page - ON Semiconductor AP0101CS Datasheet HTML 9Page - ON Semiconductor AP0101CS Datasheet HTML 10Page - ON Semiconductor AP0101CS Datasheet HTML 11Page - ON Semiconductor AP0101CS Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
8
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
System Interfaces
SPI_SDI
Input
Data in from SPI flash or EEPROM memory. When no SPI device is fitted, this signal is
used to determine whether the AP0101CS should auto-configure:
0: Do not auto-configure; two-wire interface will be used to configure the device (host-
config mode)
1: Auto-configure.
This signal has an internal pull-up resistor.
SPI_SDO
Output
Data out to SPI flash or EEPROM memory.
SPI_CS_BAR
Output
Chip select out to SPI flash or EEPROM memory.
FV_OUT
Output
Host frame valid output (synchronous to PIXCLK_OUT)
LV_OUT
Output
Host line valid output (synchronous to PIXCLK_OUT)
PIXCLK_OUT
Output
Host pixel clock output.
DOUT[15:0]
Output
Host pixel data output (synchronous to PIXCLK_OUT) DOUT[15:0].
Note 20-bit output (SMPTE) also uses GPIO[5:2].
GPIO [5:1]
I/O
General purpose digital I/O.
Note: 20-bit output (SMPTE) also uses GPIO[5:2]
TRST_BAR
Input
Must be tied to GND in normal operation.
EXT_CLK_OUT
Output
Clock to external sensor.
RESET_BAR_OUT
Output
Reset signal to external sensor.
M_SCLK
Output
Two-wire serial interface clock (Master).
M_SDATA
I/O
Two-wire serial interface clock (Master).
FV_IN
Input
Sensor frame valid input.
LV_IN
Input
Sensor line valid input.
PIXCLK_IN
Input
Sensor pixel clock input.
DIN[11:0]
Input
Sensor pixel data input DIN[11:0]
TRIGGER_OUT
Output
Trigger signal for external sensor.
VDDIO_S
Supply
Sensor I/O power supply.
GND
Supply
Ground for sensor IO, host IO, PLL, VDDIO_OTPM, and VDD.
VDD_REG
Supply
Input to on-chip 1.8V to 1.2V regulator.
LDO_OP
Output
Output from on-chip 1.8V to 1.2V regulator.
Note: The regulator on the AP0101CS must be used.
FB_SENSE
Input
On-chip regulator sense signal.
GND_REG
Supply
Ground for on-chip regulator
VDD_PLL
Supply
PLL supply.
VDD
Supply
Core supply.
VDDIO_OTPM
Supply
OTPM power supply.
VDDIO_H
Supply
Host I/O power supply.
Table 4:
Pin Descriptions (Continued)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com