Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 1 Page - ON Semiconductor

  AP0101CS Datasheet HTML 1Page - ON Semiconductor AP0101CS Datasheet HTML 2Page - ON Semiconductor AP0101CS Datasheet HTML 3Page - ON Semiconductor AP0101CS Datasheet HTML 4Page - ON Semiconductor AP0101CS Datasheet HTML 5Page - ON Semiconductor AP0101CS Datasheet HTML 6Page - ON Semiconductor AP0101CS Datasheet HTML 7Page - ON Semiconductor AP0101CS Datasheet HTML 8Page - ON Semiconductor AP0101CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
AP0101CS HDR: Image Signal Processor (ISP)
Features
AP0101CS/D Rev. 7, 1/16 EN
1
©Semiconductor Components Industries, LLC 2016,
AP0101CS High-Dynamic Range (HDR)
Image Signal Processor (ISP)
AP0101CS Datasheet, Rev. 7
For the latest product datasheet, please visit www.onsemi.com
Features
• Supports ON Semiconductor sensors with up to
1.2 Mp (1280x960)
• 45 fps at 1.2 Mp, 60 fps at 720p
• Optimized for operation with HDR sensors
• Color and gamma correction
• Auto exposure, auto white balance, 50/60 Hz flicker
avoidance
• Adaptive Local Tone Mapping (ALTM)
• Test Pattern Generator
• Two-wire serial programming interface
• Interface to low-cost Flash or EPROM through SPI
bus (to configure and load patches)
• High-level host command interface
• Standalone operation supported
• Up to 5 GPIO
•Fail-safe IO
• Multi-Camera synchronization support
•Dual Band IR filter support
Applications
• SMPTE296 HDCCTV cameras
• Surveillance network IP cameras
Notes: 1. 20-bit in one pixel clock format is only available in
SMPTE mode with the use of 4 GPIOs.
2. With input clock below 10 MHz, the two wire
serial interface is supported only up to 100 KHz
3. Maximum frame rate depends on output inter-
face and data format configuration used.
4. 720p HDR 60 fps 74.25 MHz YCbCr_422_16
Table 1:
Key Performance Parameters
Parameter
Value
Primary camera
interface
Parallel
Primary camera input
format
RAW12 Linear/Companded Bayer
data
Output interface
Up to 20-bit Parallel1
Output format
YUV422 8-bit,10-bit, and
SMPTE296M
10-, 12-bit tone-mapped Bayer
Maximum resolution
1280x960 (1.2 Mp)
Input clock range2
6-30 MHz
Maximum frame rate3
45 fps at 1.2 Mp, 60 fps at 720p
Maximum output clock
frequency
Parallel clock up to 84 MHz
Supply
voltage
VDDIO_S
1.8 or 2.8 V nominal
VDDIO_H
2.5 or 3.3 V nominal
VDD_REG
1.8V nominal
VDDIO_OTPM 2.5 or 3.3 V nominal
Operating temperature
(ambient - TA)
–30°C to +70°C
Typical power
consumption4
130 mW


Similar Part No. - AP0101CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AP0100CS ONSEMI-AP0100CS Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
AP0100CS2L00SPGAD3-GEVK ONSEMI-AP0100CS2L00SPGAD3-GEVK Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
AP0100CS2L00SPGAH-GEVB ONSEMI-AP0100CS2L00SPGAH-GEVB Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
AP0100CS2L00SUGA0-DR1 ONSEMI-AP0100CS2L00SUGA0-DR1 Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
logo
Advanced Power Electron...
AP0103GMT-HF A-POWER-AP0103GMT-HF Datasheet
101Kb / 4P
Simple Drive Requirement, SO-8 Compatible with Heatsink
More results

Similar Description - AP0101CS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL2610 ZARLINK-SL2610 Datasheet
593Kb / 27P
Wide Dynamic Range Image Reject MOPLL
logo
List of Unclassifed Man...
CEM3391 ETC-CEM3391 Datasheet
249Kb / 2P
Controllable Dynamic Signal Processor
logo
Samsung semiconductor
S5C7322X SAMSUNG-S5C7322X Datasheet
8Mb / 35P
CMOS IMAGE SENSOR(CIS) IMAGE SIGNAL PROCESSOR
logo
A1 PROs co., Ltd.
A88 A1PROS-A88 Datasheet
839Kb / 23P
Digital Image Signal Processor (ISP) for Security Camera System
logo
Analog Devices
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
logo
ON Semiconductor
AP0202AT ONSEMI-AP0202AT Datasheet
1Mb / 54P
High-Dynamic Range Image Signal Processor
Rev. 4, 9/15 EN
AP0100CS ONSEMI-AP0100CS Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
logo
Melexis Microelectronic...
MLX75411 MELEXIS-MLX75411 Datasheet
859Kb / 2P
154dB High Dynamic Range (HDR) Automotive CMOS Image Sensors
logo
ON Semiconductor
AP0201AT ONSEMI-AP0201AT Datasheet
473Kb / 31P
AP0201AT High-Dynamic Range (HDR) Image Signal Processor (ISP)
October, 2019 ??Rev. 5
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
Automotive 1.3 megapixel high-dynamic range image sensor
22-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com