Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 28 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 24Page - ON Semiconductor AP0101CS Datasheet HTML 25Page - ON Semiconductor AP0101CS Datasheet HTML 26Page - ON Semiconductor AP0101CS Datasheet HTML 27Page - ON Semiconductor AP0101CS Datasheet HTML 28Page - ON Semiconductor AP0101CS Datasheet HTML 29Page - ON Semiconductor AP0101CS Datasheet HTML 30Page - ON Semiconductor AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
28
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Sensor Embedded Data
ALTM Bayer Output
The data ordering for the ALTM Bayer output modes for AP0101CS are shown in
Table 15. ALTM Bayer modes are selected by setting cam_mode_select = 7 (ALTM Bayer
12) or 8 (ALTM Bayer 10).
Table 15 and Table 16 show LSB aligned data; it is possible by using a register setting to
obtain MSB aligned data.
The data ordering for the Bayer output modes for AP0101CS are shown in Table 16.
Note:
Raw Bayer mode can be selected by setting cam_mode_select = 0x4.
Sensor Embedded Data
The AP0101CS is capable of passing sensor embedded data in Bayer output mode only.
The AP0101CS Statistics are available through the serial interface. Refer to the Developer
Guide for details.
Slave Two-Wire Serial Interface
The two-wire slave serial interface bus enables read/write access to control and status
registers within the AP0101CS.
The interface protocol uses a master/slave model in which a master controls one or
more slave devices.
Protocol
Data transfers on the two-wire serial interface bus are performed by a sequence of
low-level protocol elements, as follows:
• a start or restart condition
• a slave address/data direction byte
• a 16-bit register address
• an acknowledge or a no-acknowledge bit
•data bytes
• a stop condition
The bus is idle when both SCLK and SDATA are HIGH. Control of the bus is initiated with a
start condition, and the bus is released with a stop condition. Only the master can
generate the start and stop conditions.
Table 15:
ALTM Bayer Output Modes
Mode
Byte
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALTM_Bayer_10
Single
0
0
0
0
0
0
D9D8D7D6D5D4D3D2D1D0
ALTM_Bayer_12
Single
0
0
0
0
D11
D10
D9D8D7D6D5D4D3D2D1D0
Table 16:
Bayer Output Modes
Mode
Byte
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Raw_Bayer_1
2
Single
0
0
0
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com