Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 15 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 11Page - ON Semiconductor AP0101CS Datasheet HTML 12Page - ON Semiconductor AP0101CS Datasheet HTML 13Page - ON Semiconductor AP0101CS Datasheet HTML 14Page - ON Semiconductor AP0101CS Datasheet HTML 15Page - ON Semiconductor AP0101CS Datasheet HTML 16Page - ON Semiconductor AP0101CS Datasheet HTML 17Page - ON Semiconductor AP0101CS Datasheet HTML 18Page - ON Semiconductor AP0101CS Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
15
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Image Flow Processor
The second mode supported is called 'continuous'; this is when a trigger pulse will cause
the part to continuously output frames, see Figure 8. This mode would be especially
useful for applications which have multiple sensors and need to have their video
streams synchronized (for example, surround view or panoramic view applications).
Figure 8:
Continuous Mode
Note:
This diagram is not to scale.
When two or more cameras have a signal applied to the FRAME_SYNC input at the same
time, the respective FV_OUT signals would be synchronized within 5 PIXCLK_OUT
cycles. This assumes that all cameras have the same configuration settings and that the
exposure time is the same.
Image Flow Processor
Image and color processing in the AP0101CS is implemented as an image flow processor
(IFP) coded in hardware logic. During normal operation, the embedded microcontroller
will automatically adjust the operating parameters. For normal operation of the
AP0101CS, a stream of raw image data from the attached image sensor is fed into the
color pipeline. The user also has the option to select a number of test patterns to be
input instead of sensor data. The test pattern is fed to the IFP for testing the image pipe-
line without sensor operation.
The test patterns can be selected by programming variables. To select enter test pattern
mode, set R0xC88F to 0x02 and issue a Change- Config request; to exit this mode, set
R0xC88F to 0x00.
FRAME_SYNC
TRIGGER_OUT
FV_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com