Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 31 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 31 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 27Page - ON Semiconductor AP0101CS Datasheet HTML 28Page - ON Semiconductor AP0101CS Datasheet HTML 29Page - ON Semiconductor AP0101CS Datasheet HTML 30Page - ON Semiconductor AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
31
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Protocol
Single READ from Current Location
Figure 17 shows the single READ cycle without writing the address. The internal address
will use the previous address value written to the register.
Figure 17:
Single Read from Current Location
Sequential READ, Start from Random Location
This sequence (Figure 18) starts in the same way as the single READ from random loca-
tion (Figure 16 on page 30). Instead of generating a no-acknowledge bit after the first
byte of data has been transferred, the master generates an acknowledge bit and
continues to perform byte READs until “L” bytes have been read.
Figure 18:
Sequential READ, Start from Random Location
Sequential READ, Start from Current Location
This sequence (Figure 19) starts in the same way as the single READ from current loca-
tion (Figure 17). Instead of generating a no-acknowledge bit after the first byte of data
has been transferred, the master generates an acknowledge bit and continues to
perform byte reads until “L” bytes have been read.
Figure 19:
Sequential READ, Start from Current Location
Slave Address
1
S
A
Read Data
[15:8]
Slave Address
A
1
S
P
Read Data
[15:8]
P
Previous Reg Address, N
Reg Address, N+1
N+2
A
A
Read Data
[7:0]
A
Read Data
[7:0]
A
Read Data
(15:8)
A
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Slave Address
0
S
Sr
A Reg Address[15:8] A
Reg Address[7:0] A
Read Data
Slave Address
Previous Reg Address, N
Reg Address, M
M+1
M+2
M+1
M+3
A
1
M+L-2
M+L-1
M+L
A P
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(7:0)
A
A
A
A
A
A
A
Read Data
Read Data
Previous Reg Address, N
N+1
N+2
N+L-1
N+L
A
Read Data
Slave Address
A
A
1
A
S
P
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
(15:8)
A
Read Data
(7:0)
A
Read Data
Read Data
(15:8)
A
Read Data
(7:0)
A
AA
A
AA
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com