Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 30 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 30 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 26Page - ON Semiconductor AP0101CS Datasheet HTML 27Page - ON Semiconductor AP0101CS Datasheet HTML 28Page - ON Semiconductor AP0101CS Datasheet HTML 29Page - ON Semiconductor AP0101CS Datasheet HTML 30Page - ON Semiconductor AP0101CS Datasheet HTML 31Page - ON Semiconductor AP0101CS Datasheet HTML 32Page - ON Semiconductor AP0101CS Datasheet HTML 33Page - ON Semiconductor AP0101CS Datasheet HTML 34Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
30
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Protocol
Stop Condition
A stop condition is defined as a LOW-to-HIGH transition on SDATA while SCLK is HIGH.
Typical Operation
A typical READ or WRITE sequence begins by the master generating a start condition on
the bus. After the start condition, the master sends the 8-bit slave address/data direction
byte. The last bit indicates whether the request is for a READ or a WRITE, where a “0”
indicates a WRITE and a “1” indicates a READ. If the address matches the address of the
slave device, the slave device acknowledges receipt of the address by generating an
acknowledge bit on the bus.
If the request was a WRITE, the master then transfers the 16-bit register address to which
a WRITE will take place. This transfer takes place as two 8-bit sequences and the slave
sends an acknowledge bit after each sequence to indicate that the byte has been
received. The master will then transfer the 8-bit or 16-bit data, as one or two 8-bit
sequences and the slave sends an acknowledge bit after each sequence to indicate that
the byte has been received. The master stops writing by generating a (re)start or stop
condition. If the request was a READ, the master sends the 8-bit write slave address/data
direction byte and 16-bit register address, just as in the write request. The master then
generates a (re)start condition and the 8-bit read slave address/data direction byte, and
clocks out the register data, 8 bits at a time. The master generates an acknowledge bit
after each 8-bit transfer. The data transfer is stopped when the master sends a no-
acknowledge bit.
Single READ from Random Location
Figure 16 shows the typical READ cycle of the host to the AP0101CS. The first two bytes
sent by the host are an internal 16-bit register address. The following 2-byte READ cycle
sends the contents of the registers to host.
Figure 16:
Single READ from Random Location
S = start condition
P = stop condition
Sr = restart condition
A = acknowledge
A = no-acknowledge
slave to master
master to slave
Slave Address
0
S
A Reg Address[15:8]
A
Reg Address[7:0]
Slave Address
A
A
1
Sr
Read Data
[15:8]
P
Previous Reg Address, N
Reg Address, M
M+1
A
Read Data
[7:0]
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com