Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 38 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 38 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 34Page - ON Semiconductor AP0101CS Datasheet HTML 35Page - ON Semiconductor AP0101CS Datasheet HTML 36Page - ON Semiconductor AP0101CS Datasheet HTML 37Page - ON Semiconductor AP0101CS Datasheet HTML 38Page - ON Semiconductor AP0101CS Datasheet HTML 39Page - ON Semiconductor AP0101CS Datasheet HTML 40Page - ON Semiconductor AP0101CS Datasheet HTML 41Page - ON Semiconductor AP0101CS Datasheet HTML 42Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
38
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Electrical Specifications
Total power
consumption1
960p HDR 30 fps 37.125 MHz YCbCr_422_16
89
mW
800p HDR 30 fps 84 MHz YCbCr_422_10_10 or YCbCr_422_8_8
77
mW
720p HDR 60 fps 74.25 MHz YCbCr_422_16
129
mW
720p HDR 30 fps 37.125 MHz YCbCr_422_16
72
mW
720p HDR 30 fps 74.25 MHz YCbCr_422_10_10 or YCbCr_422_8_8
71
mW
Table 23:
Standby Current Consumption
fEXTCLK = 27 MHz, VDD_REG =1.8V, VDDIO_S=1.8V,VDDIO_OTPM=VDDIO_H=3.3V, TA = 50°C, excludes VDDIO_H current
Symbol
Parameter
Condition
Typ
Max
Unit
Hard standby
Total standby current when asserting the
STANDBY signal
1.6
mA
Standby power
2.9
mW
Soft standby (clock on)
Total standby current
fEXTCLK = 27 MHz
2.1
mA
Standby power
3.8
mW
Table 24:
Inrush Current
Supply
Max. Current
VDD_REG (1.8V)
150mA
VDDIO_H (2.5/3.3V)
80mA
VDDIO_S (2.8V/1.8V)
110mA
VDDIO_OTPM (2.5/3.3V)
170mA
Table 22:
Operating Current Consumption (Continued)
Default Setup Conditions: fEXTCLK = 27 MHz, fPIXCLK = as below, VDD_REG=1.8V; VDDIO_H not included in measurement
VDDIO_S= 2.8V, VDDIO_OTPM=3.3V, TA =50°C unless otherwise stated
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com