Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 22 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 22 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 18Page - ON Semiconductor AP0101CS Datasheet HTML 19Page - ON Semiconductor AP0101CS Datasheet HTML 20Page - ON Semiconductor AP0101CS Datasheet HTML 21Page - ON Semiconductor AP0101CS Datasheet HTML 22Page - ON Semiconductor AP0101CS Datasheet HTML 23Page - ON Semiconductor AP0101CS Datasheet HTML 24Page - ON Semiconductor AP0101CS Datasheet HTML 25Page - ON Semiconductor AP0101CS Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
22
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Auto White Balance
Auto White Balance
The AP0101CS has a built-in AWB algorithm designed to compensate for the effects of
changing spectra of the scene illumination on the quality of the color rendition. The
algorithm consists of two major parts: a measurement engine performing statistical
analysis of the image and a driver performing the selection of the optimal color correc-
tion matrix and IFP digital gain. While default settings of these algorithms are adequate
in most situations, the user can reprogram base color correction matrices, place limits
on color channel gains, and control the speed of both matrix and gain adjustments. The
AP0101CS AWB displays the current AWB position in color temperature, the range of
which will be defined when programming the CCM matrixes.
The region of interest can be controlled through the combination of an inclusion
window and an exclusion window.
Dual Band IRCF
For some applications a day/night filter would be switched in/out, this option is an
additional cost to the camera system. The AP0101CS supports the use of dual band IRCF,
which removes the need for the switching day/night filter. Tuning support is provided
for this usage case. Refer to the AP0101CS developer guide for details.
Exposure and White Balance Modes
AP0101CS supports auto and manual exposure and white balance modes. In addition, it
will operate within synchronized multi-camera systems. In this use case, one camera
within the system will be the 'master', and the others 'slaves'. The master is used to
calculate the appropriate exposure and white balance. This is then applied to all slaves
concurrently under host control.
Auto Mode
In Auto Exposure mode the AE algorithm is responsible for calculating the appropriate
exposure to keep the desired scene brightness, and for applying the exposure to the
underlying hardware. In Auto White Balance mode the AWB algorithm is responsible for
calculating the color temperature of the scene and applying the appropriate red and
blue gains.
Triggered Auto mode
The Triggered Auto Exposure and Triggered Auto White Balance modes are intended for
the multi-camera use cases, where a host is controlling the exposure and white balance
of a number of cameras. The idea is that one camera is in triggered-auto mode (the
master), and the others in host-controlled mode (slaves). The master camera must
calculate the exposure and gains, the host then copies this to the slaves, and all changes
are then applied at the same time.
Manual Mode
Manual mode is intended to allow simple manual exposure and white balance control
by the host. The host needs to set the CAM_AET_EXPOSURE_TIME_MS, CAM_AET_EX-
POSURE_GAIN and CAM_AWB_COLOR_TEMPERATURE controls, the camera will
calculate the appropriate integration times and gains.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com