Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 18 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 18 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 14Page - ON Semiconductor AP0101CS Datasheet HTML 15Page - ON Semiconductor AP0101CS Datasheet HTML 16Page - ON Semiconductor AP0101CS Datasheet HTML 17Page - ON Semiconductor AP0101CS Datasheet HTML 18Page - ON Semiconductor AP0101CS Datasheet HTML 19Page - ON Semiconductor AP0101CS Datasheet HTML 20Page - ON Semiconductor AP0101CS Datasheet HTML 21Page - ON Semiconductor AP0101CS Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
18
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Image Flow Processor
Defect Correction
After data decompanding the image stream processing starts with defect correction.
To obtain defect free images, the pixels marked defective during sensor readout and the
pixels determined defective by the defect correction algorithms are replaced with values
derived from the non-defective neighboring pixels. This image processing technique is
called defect correction.
AdaCD (Adaptive Color Difference)
Automotive applications require good performance in extremely low light, even at high
temperature conditions. In these stringent conditions the image sensor is prone to
higher noise levels, and so efficient noise reduction techniques are required to circum-
vent this sensor limitation and deliver a high quality image to the user.
The AdaCD Noise Reduction Filter is able to adapt its noise filtering process to local
image structure and noise level, removing most objectionable color noise while
preserving edge details.
Black Level Subtraction and Digital Gain
After noise reduction, the pixel data goes through black level subtraction and multiplica-
tion of all pixel values by a programmable digital gain. Independent color channel digital
gain can be adjusted with registers. Black level subtract (to compensate for sensor data
pedestal) is a single value applied to all color channels. If the black level subtraction
produces a negative result for a particular pixel, the value of this pixel is set to 0.
Positional Gain Adjustments (PGA)
Lenses tend to produce images whose brightness is significantly attenuated near the
edges. There are also other factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these factors is known as image
shading. The AP0101CS has an embedded shading correction module that can be
programmed to counter the shading effects on each individual R, Gb, Gr, and B color
signal.
The Correction Function
The correction functions can then be applied to each pixel value to equalize the
response across the image as follows:
(EQ 1)
where P are the pixel values and f is the color dependent correction functions for each
color channel.
Pcorrected row, col

Psensor row, col
 f(row, col)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com