Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP0101CS Datasheet(PDF) 19 Page - ON Semiconductor

Part # AP0101CS
Description  High-Dynamic Range (HDR) Image Signal Processor (ISP)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0101CS Datasheet(HTML) 19 Page - ON Semiconductor

Back Button AP0101CS Datasheet HTML 15Page - ON Semiconductor AP0101CS Datasheet HTML 16Page - ON Semiconductor AP0101CS Datasheet HTML 17Page - ON Semiconductor AP0101CS Datasheet HTML 18Page - ON Semiconductor AP0101CS Datasheet HTML 19Page - ON Semiconductor AP0101CS Datasheet HTML 20Page - ON Semiconductor AP0101CS Datasheet HTML 21Page - ON Semiconductor AP0101CS Datasheet HTML 22Page - ON Semiconductor AP0101CS Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AP0101CS/D Rev. 7, 1/16 EN
19
©Semiconductor Components Industries, LLC,2016.
AP0101CS HDR: Image Signal Processor (ISP)
Image Flow Processor
Adaptive Local Tone Mapping (ALTM)
Real world scenes often have very high dynamic range (HDR) that far exceeds the elec-
trical dynamic range of the imager. Dynamic range is defined as the luminance ratio
between the brightest and the darkest object in a scene. In recent years many technolo-
gies have been developed to capture the full dynamic range of real world scenes. For
example, the multiple exposure method is a widely adopted method for capturing high
dynamic range images, which combines a series of low dynamic range images of the
same scene taken under different exposure times into a single HDR image.
Even though the new digital imaging technology enables the capture of the full dynamic
range, low dynamic range display devices are the limiting factor. Today’s typical LCD
monitor has contrast ratio around 1,000:1; however, it is not atypical for an HDR image
having contrast ratio around 250,000:1. Therefore, in order to reproduce HDR images on
a low dynamic range display device, the captured high dynamic range must be
compressed to the available range of the display device. This is commonly called tone
mapping.
Tone mapping methods can be classified into global tone mapping and local tone
mapping. Global tone mapping methods apply the same mapping function to all pixels.
While global tone mapping methods provide computationally simple and easy to use
solutions, they often cause loss of contrast and detail. A local tone mapping is thus
necessary in addition to global tone mapping for the reproduction of visually more
appealing images that also reveal scene details that are important for automotive safety
and surveillance applications. Local tone mapping methods use a spatially varying
mapping function determined by the neighborhood of a pixel, which allows it to
increase the local contrast and the visibility of some details of the image. Local methods
usually yield more pleasing results because they exploit the fact that human vision is
more sensitive to local contrast.
ON Semiconductor’s ALTM solution significantly improves the performance over global
tone mapping. ALTM is directly applied to the Bayer domain to compress the dynamic
range from 20-bit to 12-bit. This allows the regular color pipeline to be used for HDR
image rendering.
Color Interpolation
In the raw data stream fed by the sensor core to the IFP, each pixel is represented by a 20-
or 12-bit integer number, which can be considered proportional to the pixel's response
to a one-color light stimulus, red, green, or blue, depending on the pixel's position under
the color filter array. Initial data processing steps, up to and including ALTM, preserve
the one-color-per-pixel nature of the data stream, but after ALTM it must be converted
to a three-colors-per-pixel stream appropriate for standard color processing. The
conversion is done by an edge-sensitive color interpolation module. The module pads
the incomplete color information available for each pixel with information extracted
from an appropriate set of neighboring pixels. The algorithm used to select this set and
extract the information seeks the best compromise between preserving edges and
filtering out high frequency noise in flat field areas. The edge threshold can be set
through register settings.
Color Correction and Aperture Correction
To achieve good color fidelity of the IFP output, interpolated RGB values of all pixels are
subjected to color correction. The IFP multiplies each vector of three pixel colors by a 3 x
3 color correction matrix. The three components of the resulting color vector are all
sums of three 10-bit numbers. The color correction matrix can be either programmed by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com