Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 65 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 65 Page - ams AG

Back Button AS3412 Datasheet HTML 61Page - ams AG AS3412 Datasheet HTML 62Page - ams AG AS3412 Datasheet HTML 63Page - ams AG AS3412 Datasheet HTML 64Page - ams AG AS3412 Datasheet HTML 65Page - ams AG AS3412 Datasheet HTML 66Page - ams AG AS3412 Datasheet HTML 67Page - ams AG AS3412 Datasheet HTML 68Page - ams AG AS3412 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
ams Datasheet
Page 65
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Figure 81:
ANC_L Register Description
Figure 82:
MIC_MON_R Register Description
Name
Address
Default Value
ANC_L
0x31
0x80
The ANC_L Register configures the gain for the left microphone input.
Bit
Bit Name
Default
Access
Bit Description
7
TEST_BIT_6
1
R/W
Please do not write this register.
5:0
MICL_VOL_
OTP<5:0>
000 0000
R/W
Volume settings for left microphone input, adjustable
in 63 steps of 0.5dB
00 0000: MUTE
00 0001: 0dB gain
00 0010: 0.5dB gain
00 0011: 1.0dB gain
…
11 1110: 30.5dB gain
11 1111: 31dB gain
Name
Address
Default Value
MIC_MON_R
0x32
0x00
This register controls the microphone gain in monitor mode for the right microphone channel.
Bit
Bit Name
Default
Access
Bit Description
5:0
MICR_MON<5:0>
00 0000
R/W
Monitor mode gain setting for right microphone input
adjustable in 63 steps of 0.5dB
00 0000: MUTE
00 0001: 0.5dB gain
00 0010: 1dB gain
00 0011: 1.5dB gain
…
11 1110: 30.5dB gain
11 1111: 31dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com