Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 62 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 62 Page - ams AG

Back Button AS3412 Datasheet HTML 58Page - ams AG AS3412 Datasheet HTML 59Page - ams AG AS3412 Datasheet HTML 60Page - ams AG AS3412 Datasheet HTML 61Page - ams AG AS3412 Datasheet HTML 62Page - ams AG AS3412 Datasheet HTML 63Page - ams AG AS3412 Datasheet HTML 64Page - ams AG AS3412 Datasheet HTML 65Page - ams AG AS3412 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
Page 62
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Register Description
Figure 77:
MONITOR_MODE Register Description
Name
Address
Default Value
MONITOR_MODE
0x15
00h
The MONITOR_MODE register controls various settings for the chipset in monitor mode like line input monitor
mode attenuation as well as which audio inputs are active.
Bit
Bit Name
Default
Access
Bit Description
7:6
MON_HPH_
MUX<1:0>
00
R/W
This register selects the ANC input source for the
headphone amplifier in monitor mode. Depending on
the register setting the outputs of microphone
preamplifier, OPAMP1, OPAMP2 can be connected to
the headphone amplifier input.
00: QMIC outputs are connected to HPH input
01: OP1 outputs are connected to HPH input
10: Do not use this setting
11: Nothing connected to HPH input except line input.
4
MON_LIN_MUTE
0
R/W
This bit mutes the audio line input pin in Monitor
mode.
0: Line input enabled in Monitor mode
1: Line input muted in Monitor mode
1SLIDER_MON
0
R/W
This bit enables the Full Slider Mode configuration.
Please mind that this bit must not be set without
setting SLIDE_PWR_UP to ‘1’.
0: Slider Mode activated
1: Full Slider Mode activated
0
DISABLE_
MONITOR
0R/W
This bit disables the monitor mode in push button
control mode.
0: Monitor mode enabled
1: Monitor mode disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com