Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 47 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 47 Page - ams AG

Back Button AS3412 Datasheet HTML 43Page - ams AG AS3412 Datasheet HTML 44Page - ams AG AS3412 Datasheet HTML 45Page - ams AG AS3412 Datasheet HTML 46Page - ams AG AS3412 Datasheet HTML 47Page - ams AG AS3412 Datasheet HTML 48Page - ams AG AS3412 Datasheet HTML 49Page - ams AG AS3412 Datasheet HTML 50Page - ams AG AS3412 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
ams Datasheet
Page 47
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
2 Wire Serial Interface
In order to configure the device using the evaluation software
or a MCU the AS3412 features a serial two wire interface. The
I²C address for the device can be found in Figure 60.
Figure 60:
I²C Slave Address
I²C Slave Address Table: Shows the I²C address of the AS3412.
Protocol
Figure 61:
I²C Serial Interface Symbol Definition
Symbol Definition: The table shows the symbol definitions being used in the explanations for the data transfer
between master and slave.
7 Bit I²C Address
8 Bit Read Address
8 Bit Write Address
0x47
0x8F
0x8E
Symbol
Definition
RW
Note
S
Start condition after stop
R
1 bit
Sr
Repeated start
R
1 bit
DW
Device address for write
R
1000 1110b (8Eh)
DR
Device address for read
R
1000 1111b (8Fh)
WA
Word address
R
8 bit
AAcknowledge
W
1 bit
NNo Acknowledge
R
1 bit
reg_data
Register data/write
R
8 bit
data (n)
Register data/read
W
8 bit
P
Stop condition
R
1 bit
WA++
Increment word address internally
R
during acknowledge
AS3412 (=slave) transmits data
AS3412 (=slave) receives data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com