Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 13 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 13 Page - ams AG

Back Button AS3412 Datasheet HTML 9Page - ams AG AS3412 Datasheet HTML 10Page - ams AG AS3412 Datasheet HTML 11Page - ams AG AS3412 Datasheet HTML 12Page - ams AG AS3412 Datasheet HTML 13Page - ams AG AS3412 Datasheet HTML 14Page - ams AG AS3412 Datasheet HTML 15Page - ams AG AS3412 Datasheet HTML 16Page - ams AG AS3412 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
ams Datasheet
Page 13
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
The cut-off frequency for this filter can be calculated with the
following formula:
The simulated frequency response for the microphone
preamplifier with the recommended component values is
shown in Figure 13.
Figure 13:
Simulated Microphone Frequency Response
In application with PCB space limitations it is also possible to
remove the capacitors CAC and connect MICACL and MICACR
pins directly to AGND. In this configuration AC coupling of the
QMICR and QMICL signals is recommended.
Microphone Frequency Response: This
graph shows the frequency response of
the microphone preamplifier with
different gain settings with CAC=10μF,
CMIC=2.2μF and RMICIN=22kΩ.
(EQ3)
fcut off
1
2
π RMICIN CMIC
⋅⋅
-----------------------------------------------------
=
-5
0
5
10
15
20
25
30
35
10
100
1k
10k
f [Hz]
0dB
6dB
12dB
18dB
24dB
30dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com