Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 74 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 74 Page - ams AG

Back Button AS3412 Datasheet HTML 70Page - ams AG AS3412 Datasheet HTML 71Page - ams AG AS3412 Datasheet HTML 72Page - ams AG AS3412 Datasheet HTML 73Page - ams AG AS3412 Datasheet HTML 74Page - ams AG AS3412 Datasheet HTML 75Page - ams AG AS3412 Datasheet HTML 76Page - ams AG AS3412 Datasheet HTML 77Page - ams AG AS3412 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS 3412 − Application Information
Figure 91:
Full Slider Operation Mode – Application Example
Full Slider Operation Mode – Application Example: This application example shows the typical schematic in Full Slider configuration for a Feed-Forward ANC headset.
A multi pole slide switch is being used to switch the AS3412 on, off and enter Monitor mode.
4.7µF
C1
1µF
C3
GND
VBAT
VNEG
AGND
3
1
2
L
R
GND
U2
Music Input
AGND
10µF
C5
GND
GND
VBAT
MIC1
Left ANC MIC
2k2
R1
10µF
C6
22µF
C7
GND
220
R2
GND
MICS
MICS
AGND
1uF
C2
10uF
C4
AGND
MIC2
Right ANC MIC
2k2
R6
MICS
1uF
C11
AGND
10uF
C10
AGND
CPP A1
HPR D1
AS3412
TRSCL/BPR
E1
WL-CSP
MICS E4
LINL
C1
HPL B2
LINR
C2
TRSDA/BPL
C3
VNEG A3
GND A2
ANC/CSDA
C5
QOP1R A4
MODE/CSCL
D5
U1
2k2
R7
AGND
2k2
R3
AGND
150
R4
150
R5
AGND
AGND
4.7µF
C8
4.7µF
C9
Left
ANC
Filter
Right
ANC
Filter
AGND
Speaker Left
Speaker Right
1.8V – 1.65V
S4
GND
GND
R8
22k
R9
22k
R10
1M
OFF ON
MON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com