Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 41 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 41 Page - ams AG

Back Button AS3412 Datasheet HTML 37Page - ams AG AS3412 Datasheet HTML 38Page - ams AG AS3412 Datasheet HTML 39Page - ams AG AS3412 Datasheet HTML 40Page - ams AG AS3412 Datasheet HTML 41Page - ams AG AS3412 Datasheet HTML 42Page - ams AG AS3412 Datasheet HTML 43Page - ams AG AS3412 Datasheet HTML 44Page - ams AG AS3412 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
ams Datasheet
Page 41
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
OTP Read/Write and Load Access
With the OTP register architecture of the AS3412 it is important
to know how to access the registers for reading and writing.
Before an I²C read command can be sent there are two registers
that have to be configured prior to the desired I²C read
command. The flow chart in Figure 53 shows the correct read
access sequence. The first step is to configure the EVAL_REG_
ON register. This register enables access to the OTP_MODE
register. The OTP_MODE register defines whether you want to
read or write to the OTP registers. By setting the OTP_MODE
register ‘00’ we select OTP read access. Once the OTP_MODE
register has been configured you can start reading from the OTP
registers.
Figure 53:
OTP Read Access Flow Chart
OTP Read Access Flow Chart: This flow chart shows how to successfully read from an OTP register via the I²C or
production trimming interface.
The principle for writing to a register is basically the same. The
only difference is the configuration of the OTP_MODE register,
shown in Figure 54. The first step is to enable the OTP_MODE
register by setting the EVAL_REG_ON register to ‘1’. The next
step is to configure the OTP_MODE register to ‘10’ in order to
select OTP write access. Now you can start writing to any OTP
register of AS3412.
Figure 54:
OTP Write Access Flow Chart
OTP Write Access Flow Chart: This flow chart shows how to successfully write to an OTP register via the I²C or
production trimming interface.
Set bit EVAL_REG_ON
in register 0x20
Set OTP_MODE
register to ‘00'b
Read from desired OTP
register
Set bit EVAL_REG_ON
in register 0x20
Set OTP_MODE
register to ‘10'b
Write to desired OTP
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com