Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 53 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 53 Page - ams AG

Back Button AS3412 Datasheet HTML 49Page - ams AG AS3412 Datasheet HTML 50Page - ams AG AS3412 Datasheet HTML 51Page - ams AG AS3412 Datasheet HTML 52Page - ams AG AS3412 Datasheet HTML 53Page - ams AG AS3412 Datasheet HTML 54Page - ams AG AS3412 Datasheet HTML 55Page - ams AG AS3412 Datasheet HTML 56Page - ams AG AS3412 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
ams Datasheet
Page 53
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
15h
MON_MODE
MON_HPH_MUX<1:0>
0: MIC; 1: OP1;
2: Do not use; 3: -
-
MON_LIN_
MUTE
-
-
SLIDER_MON
DISABLE_
MONITOR
16h
PBO_MODE
TEST_BIT_4
NO_PBO
-
PBO_LIN_MUTE
-
-
PBO_OP1R_
ON
PBO_OP1L_
ON
17h
ECO
SLIDE_PWR_
UP
--
-
ENABLE_HPH_
ECO
ENABLE_MIC_
ECO
-
ENABLE_
OPAMP_ECO
30h
ANC_R
TEST_BIT_3.1
-
MICR_VOL<5:0>
Gain from MICR to QMICR or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
31h
ANC_L
TEST_BIT_6
-
MICL_VOL<5:0>
Gain from MICL to QMICL or Mixer = 0dB...+31dB; MUTE and 63 steps of 0.5dB
32h
MIC_MON_R
-
-
MICR_MON<5:0>
Gain from MICR to QMICL/R = 0dB...+31dB; MUTE and 63 steps of 0.5dB if MON_MODE is active
33h
MIC_MON_L
-
-
MICL_MON<5:0>
Gain from MICL to QMICL/R = 0dB...+31dB; MUTE and 63 steps of 0.5dB if MON_MODE is active
34h
MODE_1
MICS_CP_OFF
MICS_OFF
MIC_AGC_ON
MIC_OFF
-
CP_OFF
HPH_OFF
-
35h
MODE_2
TEST_BIT_7
-
-
-
MICS_DC_OFF
DELAY_HPH_
MUX
HPH_MODE
0: Stereo
1: Mono
Differential
I2C_MODE
Addr
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com