Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 60 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 60 Page - ams AG

Back Button AS3412 Datasheet HTML 56Page - ams AG AS3412 Datasheet HTML 57Page - ams AG AS3412 Datasheet HTML 58Page - ams AG AS3412 Datasheet HTML 59Page - ams AG AS3412 Datasheet HTML 60Page - ams AG AS3412 Datasheet HTML 61Page - ams AG AS3412 Datasheet HTML 62Page - ams AG AS3412 Datasheet HTML 63Page - ams AG AS3412 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
Page 60
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Register Description
Figure 75:
ANC_L3 Register Description
Name
Address
Default Value
ANC_L3
0x13
00h
The ANC_L3 Register configures the gain for the left microphone input. This register is the second alternative
microphone gain register for OTP programming in case the ANC_L and ANC_L2 registers are already
programmed.
Bit
Bit Name
Default
Access
Bit Description
7ALT3_ENABLE
0
R/W
In case the register is being used for microphone
programming this bit has to be set. The bit is being
used by the internal state machine of the AS3412 to
determine which alternative microphone gain register
has to be used during startup.
0: Microphone registers 0x12 and 0x13 are not
active
1: Microphone registers 0x12 and 0x13 are active.
Gain settings in registers 0x30, 0x31, 0x10 and
0x11 are ignored.
5:0
MICL_VOL_
OTP3<6:0>
000 0000
R/W
Volume settings for left microphone input, adjustable
in 63 steps of 0.5dB
00 0000: MUTE
00 0001: 0dB gain
00 0010: 0.5dB gain
00 0011: 1.0dB gain
…
11 1110: 31dB gain
11 1111: 31dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com