Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 26 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 26 Page - ams AG

Back Button AS3412 Datasheet HTML 22Page - ams AG AS3412 Datasheet HTML 23Page - ams AG AS3412 Datasheet HTML 24Page - ams AG AS3412 Datasheet HTML 25Page - ams AG AS3412 Datasheet HTML 26Page - ams AG AS3412 Datasheet HTML 27Page - ams AG AS3412 Datasheet HTML 28Page - ams AG AS3412 Datasheet HTML 29Page - ams AG AS3412 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Integrated Bypass Switch: The integrated bypass switch works
even without any battery connected to the device. It helps to
reduce BOM costs and PCB area. Furthermore it facilitates new
industrial designs to ANC solutions.
Figure 30:
Bypass Mode Active
Bypass Mode Inactive: This block diagram shows the general music playback path of AS3412 with the integrated
music bypass switches enabled. The device has no supply any more but music playback is still possible via the
internal bypass switches.
Parameter
VBAT =0V, TA= 25ºC, unless otherwise specified.
Figure 31:
Bypass Switch Parameter
Bypass Switch Parameter: This table shows the detailed electrical characteristics of the integrated bypass
switch.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RSwitch
Impedance
Power down
1.5
Ω
THD
Total Harmonic Distortion
0dBV input signal, 32Ω load
-90
dB
0dBV input signal, 16Ω load
-80
dB
Music Bypass
Music Bypass
TRSDA/BYPL
TRSCL/BYPR
AGND
LINL
LINR
0%
3.5mm audio jack
HPR
HPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com