Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 38 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 38 Page - ams AG

Back Button AS3412 Datasheet HTML 34Page - ams AG AS3412 Datasheet HTML 35Page - ams AG AS3412 Datasheet HTML 36Page - ams AG AS3412 Datasheet HTML 37Page - ams AG AS3412 Datasheet HTML 38Page - ams AG AS3412 Datasheet HTML 39Page - ams AG AS3412 Datasheet HTML 40Page - ams AG AS3412 Datasheet HTML 41Page - ams AG AS3412 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
VNEG Charge Pump
The VNEG charge pump uses one external 1μF ceramic capacitor
(CFLY) to generate a negative supply voltage out of the input
voltage to supply all audio related blocks. This allows a
true-ground headphone output with no need of external
DC-decoupling capacitors.
Figure 50:
VNEG Charge Pump
VNEG Charge Pump: This figure shows the block diagram of the VNEG charge pump that supplies all audio blocks
of the AS3412.
The charge pump typically requires an additional input
capacitor, CVBAT of 10μF and output capacitor, CVNEG, with the
same size as the input capacitor. The flying capacitor, CFLY,
should be 1μF.
Parameter
VBAT =1.8V, TA= 25ºC, unless otherwise specified.
Figure 51:
VNEG Charge Pump Parameter
VNEG Charge Pump Parameter: This table describes the electrical characteristics of the VNEG charge pump.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input voltage
VBAT
1.65
1.8
V
VOUT
Output voltage
VNEG
-1.45
-1.8
V
CFLY
External flying capacitor
1
μF
CVBAT
VBAT input capacitor
10
μF
CVNEG
VNEG output capacitor
10
μF
Charge Pump
Connection to audio blocks
VBAT
VBAT
VNEG
VNEG
CVNEG
10µF
CVBAT
10µF
CFLY
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com