Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 17 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 17 Page - ams AG

Back Button AS3412 Datasheet HTML 13Page - ams AG AS3412 Datasheet HTML 14Page - ams AG AS3412 Datasheet HTML 15Page - ams AG AS3412 Datasheet HTML 16Page - ams AG AS3412 Datasheet HTML 17Page - ams AG AS3412 Datasheet HTML 18Page - ams AG AS3412 Datasheet HTML 19Page - ams AG AS3412 Datasheet HTML 20Page - ams AG AS3412 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
ams Datasheet
Page 17
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Microphone Supply
The AS3412 features an integrated microphone supply charge
pump. This charge pump provides the proper microphone
supply voltage even with a 1.8V chip supply voltage in order to
increase the sensitivity of the microphone.
Figure 18:
Microphone Supply
Therefore the integrated charge pump generates a microphone
supply voltage which is typically 2.7V. The microphone supply
voltage is also used to switch off the integrated music bypass
switch of the AS3412 is in active mode. Therefore, during
normal operation the microphone supply must not be switched
off if the TRSDA/BPL and TRSCL/BPR pins are in use.
MIC
Charge Pump
VBAT
MICS_ON
CP Bypass
MICS
Microphone
BIAS resistors
CMICS
CMICSF
RMICSF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com