Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 83 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 83 Page - ams AG

Back Button AS3412 Datasheet HTML 76Page - ams AG AS3412 Datasheet HTML 77Page - ams AG AS3412 Datasheet HTML 78Page - ams AG AS3412 Datasheet HTML 79Page - ams AG AS3412 Datasheet HTML 80Page - ams AG AS3412 Datasheet HTML 81Page - ams AG AS3412 Datasheet HTML 82Page - ams AG AS3412 Datasheet HTML 83Page - ams AG AS3412 Datasheet HTML 84Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
ams Datasheet
Page 83
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Content Guide
1
General Description
1
Key Benefits & Features
1
Applications
2
Block Diagram
3
Pin Assignment
3Pin Diagram
3
Pin Description
5Absolute Maximum Ratings
7
Electrical Characteristics
9
Detailed Description
9Audio Line Input
10
Parameter
10
Microphone Inputs
11
Input Capacitor Selection
14
Parameter
17
Microphone Supply
18
Parameter
19
Headphone Amplifier
21
Parameter
25
Integrated Music Bypass Switch
26
Parameter
28
Operational Amplifier
29
Parameter
31
System
31
Power Up/Down Conditions
32
Start-Up Sequence
33
Operation Modes
34
Full Slider Mode
35
Slider Mode
36
Push Button Mode
37
Playback Only Mode
38
VNEG Charge Pump
38
Parameter
39
OTP Memory and Internal Registers
41
OTP Read/Write and Load Access
42
OTP Fuse Process
47
2 Wire Serial Interface
47
Protocol
50
Parameter
52
Register Description
52
Register Overview
55
Detailed Register Description
55
System Registers
57
OTP Register
69
Evaluation Register
Content Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com