Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 1 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 1 Page - ams AG

  AS3412 Datasheet HTML 1Page - ams AG AS3412 Datasheet HTML 2Page - ams AG AS3412 Datasheet HTML 3Page - ams AG AS3412 Datasheet HTML 4Page - ams AG AS3412 Datasheet HTML 5Page - ams AG AS3412 Datasheet HTML 6Page - ams AG AS3412 Datasheet HTML 7Page - ams AG AS3412 Datasheet HTML 8Page - ams AG AS3412 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
ams Datasheet
Page 1
[v1-00] 2016-Apr-06
Document Feedback
AS3412
Ultra Small ANC Speaker Driver
The AS3412 is a speaker driver with Ambient Noise Cancelling
function for headsets, headphones or ear pieces. They are
intended to improve quality of e.g. music listening, a phone
conversation etc. by reducing background ambient noise.
The fully analog implementation allows the lowest power
consumption, lowest system BOM cost and most natural
received voice enhancement otherwise difficult to achieve with
DSP implementations. The device is designed to be easily
applied to existing architectures.
An internal OTP-ROM can be optionally used to store the
microphones gain calibration settings. The AS3412 can be used
in different configurations for best trade-off in terms of noise
cancellation, required filtering functions and mechanical
designs. The AS3412 targeting feed-forward topology is used
to effectively reduce frequencies typically up to 2-3 kHz.
The filter loop for the system is determined by measurements,
for each specific headset individually, and depends very much
on mechanical designs. The gain and phase compensation filter
network is implemented with cheap resistors and capacitors for
lowest system costs.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of this device are listed below:
Figure 1:
Added Value of Using AS3412
Applications
The devices are ideal for Ear Pieces, Headsets, Hands-Free Kits,
Mobile Phones, and Voice Communicating Devices.
Benefits
Features
• Low noise floor
• Low noise amplifiers
• Integrated music bypass switch
• Depletion mode transistors for passive music bypass
• Smallest ANC form factor
• WL-CSP package (2.2x2.2mm, 0.4mm pitch)
General Description


Similar Part No. - AS3412

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS3412 AMSOSRAM-AS3412 Datasheet
1Mb / 85P
Ultra Small ANC Speaker Driver
2016-Apr-06
AS3412-EWLT AMSOSRAM-AS3412-EWLT Datasheet
1Mb / 85P
Ultra Small ANC Speaker Driver
2016-Apr-06
More results

Similar Description - AS3412

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3400 AMSCO-AS3400 Datasheet
198Kb / 3P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3421 AMSCO-AS3421 Datasheet
3Mb / 61P
Low Power Ambient Noise-Cancel l ing Speaker Dr iver
logo
Texas Instruments
LMV1051 TI1-LMV1051 Datasheet
187Kb / 6P
Processor for Dual Microphone Adaptive Noise Cancelling with Wind Noise Alert
logo
ams AG
AS3410-EQFP-500 AMSCO-AS3410-EQFP-500 Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
AS3430-EK-ST AMSCO-AS3430-EK-ST Datasheet
1Mb / 51P
Low Power Ambient Noise-Cancelling Speaker Driver
logo
List of Unclassifed Man...
WM-55D103 ETC2-WM-55D103 Datasheet
80Kb / 1P
Noise Cancelling Back Electret Condenser Microphone Cartridge
logo
Richtek Technology Corp...
RT7306 RICHTEK-RT7306 Datasheet
829Kb / 17P
The RT7306 is a constant current LED driver
logo
ams AG
AS3415 AMSCO-AS3415 Datasheet
1Mb / 102P
Integrated Active Noise Cancelling Solution with Bypass Feature
logo
Texas Instruments
LMV1051 TI1-LMV1051_16 Datasheet
125Kb / 6P
PRODUCT BRIEF Processor for Dual Microphone Adaptive Noise Cancelling With Wind Noise Alert
logo
Maxim Integrated Produc...
MAX9895A MAXIM-MAX9895A Datasheet
1Mb / 22P
Active Noise-Cancelling Solution for Stereo Headsets
19-4478; Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com