Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 34 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 34 Page - ams AG

Back Button AS3412 Datasheet HTML 30Page - ams AG AS3412 Datasheet HTML 31Page - ams AG AS3412 Datasheet HTML 32Page - ams AG AS3412 Datasheet HTML 33Page - ams AG AS3412 Datasheet HTML 34Page - ams AG AS3412 Datasheet HTML 35Page - ams AG AS3412 Datasheet HTML 36Page - ams AG AS3412 Datasheet HTML 37Page - ams AG AS3412 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Full Slider Mode
Full Slider Mode enables the AS3412 to be connected to two
slide switches for Power, ANC and Monitor Mode control. To
enable this operation mode both bits, SLIDE_PWR_UP and
SLIDER_MON, have to be set to ‘1’. The typical connection of the
slide switches is shown in Figure 43.
Figure 43:
Full Slider Mode
Full Slider Mode: The diagram shows the external connection of the switches in full slider mode.
In Full Slider Mode the MODE/CSCL pin can detect three
different input levels to distinguish between different
operating modes: On, Off and Monitor mode. The timing
diagram with all relevant information is shown in Figure 44.
Figure 44:
Full Slider Mode Timing Diagram
Full Slider Mode Timing Diagram: The diagram shows the necessary pin voltages and timings for different
operation modes in Full Slider Mode configuration.
MODE/CSCL
ANC/CSDA
Control Logic
VBAT
22kΩ
22kΩ
OFF
ON
MON
ANC
PBO
S1
S2
1MΩ
MODE/CSCL Pin
OFF
ON
MONITOR
ON
OFF
>2ms
200-400ms
200-400ms
>10ms
>=1.65V
VBAT
45% - 55% VBAT
Operation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com