Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 44 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 44 Page - ams AG

Back Button AS3412 Datasheet HTML 40Page - ams AG AS3412 Datasheet HTML 41Page - ams AG AS3412 Datasheet HTML 42Page - ams AG AS3412 Datasheet HTML 43Page - ams AG AS3412 Datasheet HTML 44Page - ams AG AS3412 Datasheet HTML 45Page - ams AG AS3412 Datasheet HTML 46Page - ams AG AS3412 Datasheet HTML 47Page - ams AG AS3412 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Page 44
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Figure 57:
Timing Diagram VNEG Buffering
VNEG Buffer Timing: This timing diagram shows how to buffer the VNEG supply during the OTP programming
process.
To guarantee a successful trimming process it is important to
follow the predefined trimming sequence shown in Figure 57.
As a first step it is important to do a register dump of all OTP
registers. This register backup in your system memory is a
backup of all register settings and is necessary for verification
after the trim process to make sure that all bits are trimmed
correctly. Once the register dump has been done it is important
to check registers 0x30 and 0x31. These registers typically
indicate if the device is already trimmed or not. If both registers
have the value 0x80 you can enter the trim mode and start the
trimming process. Once trimming is done, the most important
step is comparing the values trimmed to the device with the
original register dump performed just before we started the
actual trimming process. If the verification was successful we
know that all bits have been trimmed correctly. What is
important to mention is that the AS3412 has a couple of test
bits inside which are by default set to ‘1’. We do not recommend
overwriting these bits. Furthermore, it is important to know that
it is not possible to change bits once they are trimmed. It is not
possible to change a bit from ‘1’ back to zero. If an additional
trimming is done it is only possible to change bits from ‘0’ to
‘1’. It is important that all necessary bits are trimmed exactly like
in the block diagram shown in Figure 58.
VBAT
MODE/CSCL
VOL/CSDA
VNEG OK
VNEG BUFFER ON
>10ms
~1ms
~1ms
Start Trim-Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com