Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 8 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 8 Page - ams AG

Back Button AS3412 Datasheet HTML 4Page - ams AG AS3412 Datasheet HTML 5Page - ams AG AS3412 Datasheet HTML 6Page - ams AG AS3412 Datasheet HTML 7Page - ams AG AS3412 Datasheet HTML 8Page - ams AG AS3412 Datasheet HTML 9Page - ams AG AS3412 Datasheet HTML 10Page - ams AG AS3412 Datasheet HTML 11Page - ams AG AS3412 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Electrical Characteristics
Figure 7:
Electrical Characteristics (continued)
Electrical Characteristics: Shows the electrical characteristics like typical supply voltages as well as system
current consumption.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Block Power Requirements
IOFF
Off mode current
MODE/CSCL pin low, device
switched off
0.4
1
10
μA
ISYS
Reference supply current
VBAT = 1.8V; Bias generation,
oscillator, POR; VNEG disabled
0.16
0.25
0.3
mA
IMIC
Mic gain stage current
VBAT = 1.8V; no signal, stereo,
normal mode
0.82
1.4
2
mA
VBAT = 1.8V; no signal, stereo, ECO
mode
0.58
1.1
1.4
mA
IHP
Headphone stage
current
VBAT = 1.8V; no signal, normal
mode
1.5
2.4
3.1
mA
VBAT = 1.8V; no signal, ECO mode
1.18
2.0
2.9
mA
IMICS
MICS charge pump
current
VBAT = 1.8V; no load
0.36
0.5
0.9
mA
VBAT = 1.6V; no load
0.36
0.4
0.85
mA
IOP1
OP1 supply current
VBAT = 1.8V; OP1L and OP1R
enabled, normal mode
0.85
1.25
1.75
mA
VBAT = 1.8V; OP1L and OP1R
enabled, ECO mode
0.65
0.9
1.37
mA
VBAT = 1.6V; OP1L and OP1R
enabled, normal mode
0.8
1.2
1.68
mA
VBAT = 1.6V; OP1L and OP1R
enabled, ECO mode
0.60.851.32
mA
Typical System Power Consumption
PFF
Typical power
consumption feed
forward application
OP1L, OP1R enabled,
Microphone supply enabled, no
load, VBAT=1.6V
10
mW
PFF_ECO
Typical power
consumption feed
forward application in
ECO mode
All blocks in ECO mode
OP1L, OP1R enabled
Microphone supply enabled, no
load, VBAT=1.6V
8mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com