Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412 Datasheet(PDF) 36 Page - ams AG

Part # AS3412
Description  The AS3412 is a speaker driver with Ambient Noise Cancelling
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3412 Datasheet(HTML) 36 Page - ams AG

Back Button AS3412 Datasheet HTML 32Page - ams AG AS3412 Datasheet HTML 33Page - ams AG AS3412 Datasheet HTML 34Page - ams AG AS3412 Datasheet HTML 35Page - ams AG AS3412 Datasheet HTML 36Page - ams AG AS3412 Datasheet HTML 37Page - ams AG AS3412 Datasheet HTML 38Page - ams AG AS3412 Datasheet HTML 39Page - ams AG AS3412 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Push Button Mode
Push Button mode allows the user to control the device with a
single normally open (NO) push button. A simple key press
powers up the AS3512. Once the device is running, a long key
press (~2.4 seconds) shuts the device down. As long as the
device is active a short key press enters monitor mode. The
monitor mode can be deactivated with a second, short key
press. A timing diagram of this function is shown in Figure 48.
If the monitor mode function is not desired, it is possible to
deactivate the monitor mode by setting the bit DISABLE_
MONITOR in register 0x15. The typical connection of the push
button to the AS3412 is shown in Figure 47.
Figure 47:
Push Button Mode
Push Button Mode: The diagram shows the external connection of the switches and push button in slider mode.
Figure 48:
Push Button Timing Diagram
Push Button Mode Timing Diagram: The diagram shows the necessary voltages and timings for different
operation modes in Push Button configuration.
MODE/CSCL
ANC/CSDA
Control Logic
VBAT
ANC
PBO
S2
22kΩ
ON/OFF/MONITOR
S4
MODE/CSCL Pin
OFF
ON
MONITOR
ON
OFF
>2ms
>24ms
>24ms
>2.4s
>65% VBAT
<35% VBAT
Operation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com